Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G57 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74LVC1G57
Descripción Electrónicos  Low-power configurable multiple function gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G57 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC1G57 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74LVC1G57_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 19 July 2007
8 of 17
NXP Semiconductors
74LVC1G57
Low-power configurable multiple function gate
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VI
VM
1.65 V to 1.95 V
0.5VCC
VCC
0.5VCC
2.3 V to 2.7 V
0.5VCC
VCC
0.5VCC
2.7 V
1.5 V
2.7 V
1.5 V
3.0 V to 3.6 V
1.5 V
2.7 V
1.5 V
4.5 V to 5.5 V
0.5VCC
VCC
0.5VCC
Measurement points are given in Table 11.
Definitions test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 13. Load circuit for switching times
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 11.
Measurement points
Supply voltage
Input
Load
VEXT
VCC
VI
tr =tf
CL
RL
tPLH, tPHL
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
open
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
open
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
open
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
open
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500
open


Número de pieza similar - 74LVC1G57

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G57 PHILIPS-74LVC1G57 Datasheet
99Kb / 18P
   Low-power configurable multiple function gate
Rev. 01-6 September 2004
logo
Diodes Incorporated
74LVC1G57 DIODES-74LVC1G57 Datasheet
292Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35125 Rev. 1 - 2
74LVC1G57 DIODES-74LVC1G57 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Nexperia B.V. All right...
74LVC1G57 NEXPERIA-74LVC1G57 Datasheet
269Kb / 18P
   Low-power configurable multiple function gate
Rev. 10 - 1 February 2022
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
More results

Descripción similar - 74LVC1G57

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com