Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS40304A Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TPS40304A Datasheet(HTML) 3 Page - Texas Instruments |
3 / 18 page TPS40304A www.ti.com SLUSA30 – FEBRUARY 2010 ELECTRICAL CHARACTERISTICS TJ = –40°C to 125°C, VVDD = 12 V, all parameters at zero power dissipation (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VOLTAGE REFERENCE TJ = 25°C, 3 V < VVDD < 20 V 588 591 594 VFB FB input voltage mV –40°C < TJ < 125°C, 585 591 597 3 V < VVDD < 20 V INPUT SUPPLY VVDD Input supply voltage range 3 20 V IDDSD Shutdown supply current VEN/SS < 0.2 V 70 100 µA IDDQ Quiescent, non-switching Let EN/SS float, VFB = 1 V 2.5 3.5 mA ENABLE/SOFT-START VIH High-level input voltage, EN/SS 0.55 0.70 1.00 V VIL Low-level input voltage, EN/SS 0.27 0.30 0.33 V ISS Soft-start source current 8 10 12 µA VSS Soft-start voltage level 0.4 0.8 1.3 V BP REGULATOR VBP Output voltage IBP = 10 mA 6.2 6.5 6.8 V VDO Regulator dropout voltage, VVDD – VBP IBP = 25 mA, VVDD = 3 V 70 110 mV OSCILLATOR fSW PWM frequency 3 V < VVDD < 20 V 540 600 660 kHz VRAMP (1) Ramp amplitude VVDD/6.6 VVDD/6 VVDD/5.4 V Frequency spread spectrum frequency fSWFSS 12% fSW deviation fMOD Modulation frequency 25 KHz PWM DMAX (1) Maximum duty cycle VFB = 0 V, 3 V < VVDD < 20 V 90% tON(min) (1) Minimum controllable pulse width 45 75 ns HDRV off to LDRV on 5 25 35 tDEAD Output driver dead time ns LDRV off to HDRV on 5 25 30 ERROR AMPLIFIER GBWP (1) Gain bandwidth product 10 24 MHz AOL (1) Open loop gain 60 dB IIB Input bias current (current out of FB pin) VFB = 0.6 V 75 nA IEAOP Output source current VFB = 0 V 2 mA IEAOM Output sink current VFB = 1 V 2 (1) Ensured by design. Not production tested. Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s) :TPS40304A |
Número de pieza similar - TPS40304A |
|
Descripción similar - TPS40304A |