Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVCH1T45 Datasheet(PDF) 4 Page - NXP Semiconductors |
|
74LVCH1T45 Datasheet(HTML) 4 Page - NXP Semiconductors |
4 / 30 page 74LVC_LVCH1T45_2 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 02 — 19 January 2010 4 of 30 NXP Semiconductors 74LVC1T45; 74LVCH1T45 Dual supply translating transceiver; 3-state 7. Functional description [1] H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state. [2] The input circuit of the data I/O is always active. [3] When either VCC(A) or VCC(B) is at GND level, the device goes into suspend mode. 8. Limiting values [1] The minimum input voltage ratings and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] VCCO is the supply voltage associated with the output port. [3] VCCO + 0.5 V should not exceed 6.5 V. [4] For SC-88 package: above 87.5 °C the value of P tot derates linearly with 4.0 mW/K. For XSON6 package: above 118 °C the value of P tot derates linearly with 7.8 mW/K. 9. Recommended operating conditions Table 4. Function table[1] Supply voltage Input Input/output[2] VCC(A), VCC(B) DIR A B 1.2 V to 5.5 V L A = B input 1.2 V to 5.5 V H input B = A GND[3] X Z Z Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC(A) supply voltage A −0.5 +6.5 V VCC(B) supply voltage B −0.5 +6.5 V IIK input clamping current VI < 0 V −50 - mA VI input voltage [1] −0.5 +6.5 V IOK output clamping current VO < 0 V −50 - mA VO output voltage Active mode [1][2][3] −0.5 VCCO + 0.5 V Suspend or 3-state mode [1] −0.5 +6.5 V IO output current VO = 0 V to VCCO [2] - ±50 mA ICC supply current ICC(A) or ICC(B) - 100 mA IGND ground current −100 - mA Tstg storage temperature −65 +150 °C Ptot total power dissipation Tamb = −40 °C to +125 °C [4] - 250 mW Table 6. Recommended operating conditions Symbol Parameter Conditions Min Max Unit VCC(A) supply voltage A 1.2 5.5 V VCC(B) supply voltage B 1.2 5.5 V VI input voltage 0 5.5 V |
Número de pieza similar - 74LVCH1T45 |
|
Descripción similar - 74LVCH1T45 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |