Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC3G34 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74LVC3G34
Descripción Electrónicos  Triple buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G34 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC3G34 Datasheet HTML 5Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 6Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 7Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 8Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 9Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 10Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 11Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 12Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
74LVC3G34_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 9 May 2008
9 of 16
NXP Semiconductors
74LVC3G34
Triple buffer
13. Package outline
Fig 10. Package outline SOT505-2 (TSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.95
0.75
0.38
0.22
0.18
0.08
3.1
2.9
3.1
2.9
0.65
4.1
3.9
0.70
0.35
8
°
0
°
0.13
0.1
0.2
0.5
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.47
0.33
SOT505-2
- - -
02-01-16
w M
bp
D
Z
e
0.25
14
8
5
θ
A2
A1
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm
SOT505-2
1.1
pin 1 index


Número de pieza similar - 74LVC3G34

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
   Triple buffer gate
Rev. 03-31 January 2005
74LVC3G34 NXP-74LVC3G34 Datasheet
87Kb / 14P
   Triple buffer
Rev. 05-5 October 2007
logo
Diodes Incorporated
74LVC3G34 DIODES-74LVC3G34 Datasheet
470Kb / 8P
   TRIPLE BUFFER GATE
November 2022 Rev. 1 - 2
logo
Nexperia B.V. All right...
74LVC3G34 NEXPERIA-74LVC3G34 Datasheet
258Kb / 16P
   Triple buffer
Rev. 14 - 25 August 2021
74LVC3G34-Q100 NEXPERIA-74LVC3G34-Q100 Datasheet
200Kb / 11P
   Triple buffer
More results

Descripción similar - 74LVC3G34

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16_14 Datasheet
69Kb / 5P
   Triple Buffer
July, 2014 ??Rev. 8
NL37WZ16 ONSEMI-NL37WZ16 Datasheet
89Kb / 8P
   Triple Buffer
November, 2003 ??Rev. 2
NL37WZ16 ONSEMI-NL37WZ16_12 Datasheet
105Kb / 5P
   Triple Buffer
April, 2012 ??Rev. 7
logo
STMicroelectronics
74V2G70 STMICROELECTRONICS-74V2G70 Datasheet
129Kb / 8P
   TRIPLE BUFFER
June 2003
74V2T70 STMICROELECTRONICS-74V2T70 Datasheet
124Kb / 7P
   TRIPLE BUFFER
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16_06 Datasheet
69Kb / 5P
   Triple Buffer
April, 2006 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC3G34-Q100 NEXPERIA-74LVC3G34-Q100 Datasheet
200Kb / 11P
   Triple buffer
logo
NXP Semiconductors
74LVC3G34 NXP-74LVC3G34 Datasheet
87Kb / 14P
   Triple buffer
Rev. 05-5 October 2007
logo
Nexperia B.V. All right...
74LVC3G16 NEXPERIA-74LVC3G16 Datasheet
762Kb / 15P
   Triple buffer
74LVC3G34 NEXPERIA-74LVC3G34 Datasheet
258Kb / 16P
   Triple buffer
Rev. 14 - 25 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com