Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC74APW Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74LVC74APW
Descripción Electrónicos  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC74APW Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC74APW Datasheet HTML 1Page - NXP Semiconductors 74LVC74APW Datasheet HTML 2Page - NXP Semiconductors 74LVC74APW Datasheet HTML 3Page - NXP Semiconductors 74LVC74APW Datasheet HTML 4Page - NXP Semiconductors 74LVC74APW Datasheet HTML 5Page - NXP Semiconductors 74LVC74APW Datasheet HTML 6Page - NXP Semiconductors 74LVC74APW Datasheet HTML 7Page - NXP Semiconductors 74LVC74APW Datasheet HTML 8Page - NXP Semiconductors 74LVC74APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74LVC74A_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 4 June 2007
5 of 16
NXP Semiconductors
74LVC74A
Dual D-type flip-flop with set and reset; positive-edge trigger
8.
Recommended operating conditions
9.
Static characteristics
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 °C.
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
for maximum speed performance
2.7
-
3.6
V
for low-voltage applications
1.2
-
3.6
V
VI
input voltage
0
-
5.5
V
Vo
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
-
+125
°C
∆t/∆V
input transition rise and
fall rate
VCC = 1.2 V to 2.7 V
0
-
20
ns/V
VCC = 2.7 V to 3.6 V
0
-
10
ns/V
Table 7.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.2 V
VCC
--
VCC
-V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 1.2 V
-
-
0
-
0
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VOH
HIGH-level
output
voltage
VI =VIH or VIL
IO = −100 µA;
VCC = 2.7 V to 3.6 V
VCC − 0.2
-
VCC − 0.3
-
V
IO = −12 mA; VCC = 2.7 V
2.2
-
-
2.05
-
V
IO = −18 mA; VCC = 3.0 V
2.4
-
-
2.25
-
V
IO = −24 mA; VCC = 3.0 V
2.2
-
-
2.0
-
V
VOL
LOW-level
output
voltage
VI =VIH or VIL
IO = 100 µA;
VCC = 2.7 V to 3.6 V
-
-
0.2
-
0.3
V
IO = 12 mA; VCC = 2.7 V
-
-
0.4
-
0.6
V
IO = 24 mA; VCC = 3.0 V
-
-
0.55
-
0.8
V
II
input leakage
current
VCC = 3.6 V; VI = 5.5 V or GND
-
±0.1
±5-
±20
µA
ICC
supply
current
VCC = 3.6 V; VI =VCC or GND;
IO =0A
-
0.1
10
-
40
µA
∆ICC
additional
supply
current
per input pin;
VCC = 2.7 V to 3.6 V;
VI =VCC − 0.6 V; IO =0A
-
5
500
-
5000
µA
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI = GND to VCC
-
4.0
-
-
-
pF


Número de pieza similar - 74LVC74APW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC74APW PHILIPS-74LVC74APW Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Nexperia B.V. All right...
74LVC74APW NEXPERIA-74LVC74APW Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
74LVC74APW-Q100 NEXPERIA-74LVC74APW-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
NXP Semiconductors
74LVC74APWDH PHILIPS-74LVC74APWDH Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
More results

Descripción similar - 74LVC74APW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
logo
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com