Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC169D Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74LVC169D
Descripción Electrónicos  Presettable synchronous 4-bit up/down binary counter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC169D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC169D Datasheet HTML 7Page - NXP Semiconductors 74LVC169D Datasheet HTML 8Page - NXP Semiconductors 74LVC169D Datasheet HTML 9Page - NXP Semiconductors 74LVC169D Datasheet HTML 10Page - NXP Semiconductors 74LVC169D Datasheet HTML 11Page - NXP Semiconductors 74LVC169D Datasheet HTML 12Page - NXP Semiconductors 74LVC169D Datasheet HTML 13Page - NXP Semiconductors 74LVC169D Datasheet HTML 14Page - NXP Semiconductors 74LVC169D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
74LVC169_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 8 June 2009
11 of 22
NXP Semiconductors
74LVC169
Presettable synchronous 4-bit up/down binary counter
[1]
Typical values are measured at Tamb =25 °C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V, and 3.3 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in V
N = number of inputs switching
∑(C
L × VCC
2
× f
o) = sum of outputs
11. Waveforms
fmax
maximum
frequency
see Figure 8
VCC = 2.7 V
150
-
-
150
-
MHz
VCC = 3.0 V to 3.6 V
150
200
-
150
-
MHz
tsk(0)
output skew time
VCC = 3.0 V to 3.6 V
[3]
-
-
1.0
-
1.5
ns
CPD
power dissipation
capacitance
per input pin; VI = GND to VCC
[4]
VCC = 3.0 V to 3.6 V
-
20
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 13.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
Measurement points are given in Table 8.
Logic levels: VOL and VOH are the typical output voltage levels that occur with the output load.
Fig 8.
Clock (CP) to outputs (Qn, TC) propagation delays, the clock pulse width, and the maximum frequency
001aaa651
CP input
Qn, TC output
tPHL
tPLH
tW
1/fmax
VM
VOH
VI
GND
VOL
VM


Número de pieza similar - 74LVC169D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC169D PHILIPS-74LVC169D Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
74LVC169DB PHILIPS-74LVC169DB Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
More results

Descripción similar - 74LVC169D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 PHILIPS-74HC193 Datasheet
95Kb / 13P
   Presettable synchronous 4-bit binary up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com