Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT245PW Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74LVT245PW
Descripción Electrónicos  3.3 V octal transceiver with direction pin (3-state)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT245PW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVT245PW Datasheet HTML 6Page - NXP Semiconductors 74LVT245PW Datasheet HTML 7Page - NXP Semiconductors 74LVT245PW Datasheet HTML 8Page - NXP Semiconductors 74LVT245PW Datasheet HTML 9Page - NXP Semiconductors 74LVT245PW Datasheet HTML 10Page - NXP Semiconductors 74LVT245PW Datasheet HTML 11Page - NXP Semiconductors 74LVT245PW Datasheet HTML 12Page - NXP Semiconductors 74LVT245PW Datasheet HTML 13Page - NXP Semiconductors 74LVT245PW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
74LVT245_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 8 May 2008
10 of 15
NXP Semiconductors
74LVT245
3.3 V octal transceiver with direction pin (3-state)
Fig 9.
Package outline SOT339-1 (SSOP20)
UNIT
A1
A2
A3
bp
cD(1)
E(1)
eHE
LLp
Q
(1)
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.21
0.05
1.80
1.65
0.38
0.25
0.20
0.09
7.4
7.0
5.4
5.2
0.65
7.9
7.6
0.9
0.7
0.9
0.5
8
0
o
o
0.13
1.25
0.2
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.2 mm maximum per side are not included.
1.03
0.63
SOT339-1
MO-150
99-12-27
03-02-19
X
w M
θ
A
A1
A2
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
110
20
11
y
0.25
pin 1 index
0
2.5
5 mm
scale
SSOP20: plastic shrink small outline package; 20 leads; body width 5.3 mm
SOT339-1
A
max.
2


Número de pieza similar - 74LVT245PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT245PW PHILIPS-74LVT245PW Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT245PW NEXPERIA-74LVT245PW Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
logo
NXP Semiconductors
74LVT245PWDH PHILIPS-74LVT245PWDH Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
More results

Descripción similar - 74LVT245PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245 NEXPERIA-74LVT245 Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
logo
NXP Semiconductors
74LVT245B NXP-74LVT245B Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245B NEXPERIA-74LVT245B Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 3 - 30 July 2021
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
   Octal transceiver with direction pin 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
   Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
logo
NXP Semiconductors
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
   Octal transceiver with direction pin (3-State)
74LVT245 PHILIPS-74LVT245 Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
74LVT245B PHILIPS-74LVT245B Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com