Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVTH16374A Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74LVTH16374A
Descripción Electrónicos  3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH16374A Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVTH16374A Datasheet HTML 1Page - NXP Semiconductors 74LVTH16374A Datasheet HTML 2Page - NXP Semiconductors 74LVTH16374A Datasheet HTML 3Page - NXP Semiconductors 74LVTH16374A Datasheet HTML 4Page - NXP Semiconductors 74LVTH16374A Datasheet HTML 5Page - NXP Semiconductors 74LVTH16374A Datasheet HTML 6Page - NXP Semiconductors 74LVTH16374A Datasheet HTML 7Page - NXP Semiconductors 74LVTH16374A Datasheet HTML 8Page - NXP Semiconductors 74LVTH16374A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74LVT_LVTH16374A_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 22 March 2010
3 of 19
NXP Semiconductors
74LVT16374A; 74LVTH16374A
3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
5.
Pinning information
5.1 Pinning
Fig 3.
Logic diagram
001aac371
D
CP
Q
nD0
nCP
nOE
nQ0
D
CP
Q
nD1
nQ1
D
CP
Q
nD2
nQ2
D
CP
Q
nD3
nQ3
D
CP
Q
nD4
nQ4
D
CP
Q
nD5
nQ5
D
CP
Q
nD6
nQ6
D
CP
Q
nD7
nQ7
Fig 4.
Pin configuration for SOT370-1 (SSOP48) and
SOT362-1 (TSSOP48)
Fig 5.
Pin configuration for SOT702-1 (VFBGA56)
74LVT16374A
74LVTH16374A
1OE
1CP
1Q0
1D0
1Q1
1D1
GND
GND
1Q2
1D2
1Q3
1D3
VCC
VCC
1Q4
1D4
1Q5
1D5
GND
GND
1Q6
1D6
1Q7
1D7
2Q0
2D0
2Q1
2D1
GND
GND
2Q2
2D2
2Q3
2D3
VCC
VCC
2Q4
2D4
2Q5
2D5
GND
GND
2Q6
2D6
2Q7
2D7
2OE
2CP
001aak263
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
001aak264
74LVT16374A
74LVTH16374A
Transparent top view
K
J
H
G
F
E
C
B
A
D
246
135
ball A1
index area


Número de pieza similar - 74LVTH16374A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVTH16374A NEXPERIA-74LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
74LVTH16374ADGG NEXPERIA-74LVTH16374ADGG Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
More results

Descripción similar - 74LVTH16374A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Texas Instruments
SN74LVTH16374-EP TI1-SN74LVTH16374-EP Datasheet
301Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74AVC16374 PHILIPS-74AVC16374 Datasheet
84Kb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74AVC16374 NEXPERIA-74AVC16374 Datasheet
1Mb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
Rev. 3 - 16 August 2013
74AVC16374-Q100 NEXPERIA-74AVC16374-Q100 Datasheet
772Kb / 16P
   16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
logo
NXP Semiconductors
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com