Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC0801S040 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza ADC0801S040
Descripción Electrónicos  Single 8 bits ADC, up to 40 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC0801S040 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button ADC0801S040 Datasheet HTML 2Page - NXP Semiconductors ADC0801S040 Datasheet HTML 3Page - NXP Semiconductors ADC0801S040 Datasheet HTML 4Page - NXP Semiconductors ADC0801S040 Datasheet HTML 5Page - NXP Semiconductors ADC0801S040 Datasheet HTML 6Page - NXP Semiconductors ADC0801S040 Datasheet HTML 7Page - NXP Semiconductors ADC0801S040 Datasheet HTML 8Page - NXP Semiconductors ADC0801S040 Datasheet HTML 9Page - NXP Semiconductors ADC0801S040 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ADC0801S040_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 18 August 2008
6 of 19
NXP Semiconductors
ADC0801S040
Single 8 bits ADC, up to 40 MHz
∆V
DD
supply voltage difference VDDA − VDDD
−0.2
-
+0.2
V
VDDD − VDDO
−0.2
-
+2.25
V
IDDA
analog supply current
-
4
6
mA
IDDD
digital supply current
-
5
8
mA
IDDO
output supply current
fclk = 40 MHz; ramp input;
CL =20pF
-1
2
mA
Ptot
total power dissipation
VDDA =VDDD =VDDO = 3.3 V
-
30
53
mW
Inputs
Clock input CLK (Referenced to VSSD)[1]
VIL
LOW-level input voltage
0
-
0.3 VDDD
V
VIH
HIGH-level input voltage VDDD ≤ 3.6 V
0.6 VDDD
-VDDD
V
VDDD > 3.6 V
0.7 VDDD
-VDDD
V
IIL
LOW-level input current
Vclk = 0.3 VDDD
−10
+1
µA
IIH
HIGH-level input current
Vclk = 0.7 VDDD
--
5
µA
Zi
input impedance
fclk = 40 MHz
-
4
-
k
Ci
input capacitance
fclk = 40 MHz
-
3
-
pF
Input SLEEP (Referenced to VSSD); see Table 8
VIL
LOW-level input voltage
0
-
0.3 VDDD
V
VIH
HIGH-level input voltage VDDD ≤ 3.6 V
0.6 VDDD
-VDDD
V
VDDD > 3.6 V
0.7 VDDD
-VDDD
V
IIL
LOW-level input current
VIL = 0.3 VDDD
−1-
-
µA
IIH
HIGH-level input current
VIH = 0.7 VDDD
--
+1
µA
Analog input VI (Referenced to VSSA)
IIL
LOW-level input current
VI = VRB
-0
-
µA
IIH
HIGH-level input current
VI = VRT
-9
-
µA
Zi
input impedance
fi = 1 MHz
-
20
-
k
Ci
input capacitance
fi = 1 MHz
-
2
-
pF
Reference voltages for the resistor ladder; see Table 7
VRB
voltage on pin RB
1.1
1.2
-
V
VRT
voltage on pin RT
VRT ≤ VDDA
2.7
3.3
VDDA
V
Vref(dif)
differential reference
voltage
VRT − VRB
1.5
2.1
2.7
V
Iref
reference current
-
0.95
-
mA
Rlad
ladder resistance
-
2.2
-
k
TCRlad
ladder resistor
temperature coefficient
-
4092
-
m
Ω/K
Voffset
offset voltage
BOTTOM
[2] -
170
-
mV
TOP
[2] -
170
-
mV
Vi(a)(p-p)
peak-to-peak analog
input voltage
[3] 1.4
1.76
2.4
V
Table 6.
Characteristics …continued
VDDA =V5toV6=3.3 V; VDDD =V3toV4=3.3 V; VDDO = V20 to V11 = 3.3 V; VSSA,VSSD and VSSO shorted together; Vi(a)(p-p)
= 1.84 V; CL = 20 pF; Tamb = 0 °C to 70 °C; typical values measured at Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Número de pieza similar - ADC0801S040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC0801S040 IDT-ADC0801S040 Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
   Single 8 bits ADC, up to 40 MHz
2 July 2012
ADC0801S040 RENESAS-ADC0801S040 Datasheet
514Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
logo
Integrated Device Techn...
ADC0801S040TS IDT-ADC0801S040TS Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
More results

Descripción similar - ADC0801S040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
   Single 8 bits ADC, up to 40 MHz
2 July 2012
logo
Integrated Device Techn...
ADC0801S040 IDT-ADC0801S040 Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com