Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC1207S080HW Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza ADC1207S080HW
Descripción Electrónicos  Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1207S080HW Datasheet(HTML) 2 Page - NXP Semiconductors

  ADC1207S080HW Datasheet HTML 1Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 2Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 3Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 4Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 5Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 6Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 7Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 8Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ADC1207S080_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 7 August 2008
2 of 21
NXP Semiconductors
ADC1207S080
Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
3.
Applications
High speed analog to digital conversion for:
I Radio transceivers
I Wireless infrastructure
I Cable modem
I Digital storage scope
I Fixed telecommunication,
I Optical networking
I Wireless Local Area Network (WLAN) infrastructure.
I General purpose applications
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Sampling
frequency
(MHz)
Name
Description
Version
ADC1207S080HW
HTQFP48
plastic thermal enhanced thin quad flat package; 48 leads;
body 7
× 7 × 1 mm; exposed die pad
SOT545-2
80
Fig 1.
Block diagram
12
12
2
014aaa430
TRACK
AND
HOLD
ADC
CORE
LATCH
LATCH
RESISTOR
LADDERS
CLOCK DRIVER
OUTPUTS
ENABLE
CMADC
REFERENCE
VREF
REFERENCE
ADC1207S080
U/I
front-end
buffer
FSOUT
INN
FSIN
IN
DEL0 to
DEL1
CCS
D0 to D11
OTC
VCCO
IR
DEC
CMADC
CLK
CLKN
CE_N


Número de pieza similar - ADC1207S080HW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC1207S080HW IDT-ADC1207S080HW Datasheet
532Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
More results

Descripción similar - ADC1207S080HW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC1207S080 IDT-ADC1207S080 Datasheet
532Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
logo
Renesas Technology Corp
ADC1207S080 RENESAS-ADC1207S080 Datasheet
536Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
2 July 2012
logo
NXP Semiconductors
TDA9910 PHILIPS-TDA9910 Datasheet
138Kb / 21P
   12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC) direct/ultra high IF sampling
Rev. 02-9 December 2004
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
logo
NXP Semiconductors
ADC0801S040 NXP-ADC0801S040 Datasheet
123Kb / 19P
   Single 8 bits ADC, up to 40 MHz
Rev. 02-18 August 2008
logo
Renesas Technology Corp
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
logo
Integrated Device Techn...
ADC1002S020 IDT-ADC1002S020 Datasheet
426Kb / 18P
   Single 10 bits ADC, up to 20 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com