Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC1207S080HW Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza ADC1207S080HW
Descripción Electrónicos  Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1207S080HW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button ADC1207S080HW Datasheet HTML 3Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 4Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 5Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 6Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 7Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 8Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 9Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 10Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ADC1207S080_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 7 August 2008
7 of 21
NXP Semiconductors
ADC1207S080
Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
IIL
LOW-level input current
VIL = 0.8 V
-
1
-
µA
IIH
HIGH-level input current VIH = 2.0 V
-
1
-
µA
Digital inputs: pins DEL0 and DEL1
VIL
LOW-level input voltage
DGND
-
0.3
× V
CCD
V
VIH
HIGH-level input voltage
0.7
× V
CCD
-VCCD
V
IIL
LOW-level input current
VIL = 0.8 V
-
8
-
µA
IIH
HIGH-level input current VIH = 2.0 V
-
20
-
µA
Voltage controlled regulator output: pin CMADC
VO(cm)
common-mode output
voltage
IL =0mA
-
VCCA − 1.88
-
V
IL =2mA
-
VCCA − 1.95
-
V
Reference voltage input: pin FSIN[3]
Vref(fs)
full-scale reference
voltage
-VCCA − 1.80
-
V
Iref(fs)
full-scale reference
current
-
0.1
-
µA
Vi(a)(p-p)
peak-to-peak analog
input voltage
see Figure 5;
Vi =Vi(IN) − Vi(INN);
VI(cm) =VCCA − 1.95 V
-
1.85
-
V
Full-scale voltage controlled regulator output: pin FSOUT
VO(ref)
reference output voltage IL =Iref(fs)
-VCCA − 1.80
-
V
IL = 2 mA
-
VCCA − 1.82
-
V
Digital outputs: pins D11 to D0, IR and CCS
Output levels
VOL
LOW-level output
voltage
IOL = 2 mA
DGND
-
DGND + 0.5
V
VOH
HIGH-level output
voltage
IOH = −0.4 mA
VCCO − 0.5
-
VCCO
V
IOZ
OFF-state output
current
output level between
0.5 V and VCCO
−0.1
0
+0.1
µA
Timing[4]
td(s)
sampling delay time
CL = 10 pF
-
0.1
0.24
ns
th(o)
output hold time
CL = 10 pF
2.6
3.8
-
ns
td(o)
output delay time
CL = 10 pF
-
4.7
7.8
ns
3-state output delay
tdZH
float to active HIGH
delay time
-
3.6
-
ns
tdZL
float to active LOW
delay time
-
3.9
-
ns
tdHZ
active HIGH to float
delay time
-
9.2
-
ns
tdLZ
active LOW to float
delay time
-
7.2
-
ns
Table 5.
Characteristics …continued
VCCA = 4.75 V to 5.25 V; VCCD = 4.75 V to 5.25 V; VCCO = 2.7 V to 3.6 V; AGND and DGND shorted together; Tamb = −40 °C
to +85
°C; Vi(IN) − Vi(INN) = −0.5 dBFS; Vref(fs) =VCCA − 1.87 V; VI(cm) =VCCA − 1.95 V; typical values measured at
VCCA =VCCD =5V, VCCO = 3.3 V, Tamb =25 °C and CL = 10 pF; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Número de pieza similar - ADC1207S080HW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC1207S080HW IDT-ADC1207S080HW Datasheet
532Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
More results

Descripción similar - ADC1207S080HW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC1207S080 IDT-ADC1207S080 Datasheet
532Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
logo
Renesas Technology Corp
ADC1207S080 RENESAS-ADC1207S080 Datasheet
536Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
2 July 2012
logo
NXP Semiconductors
TDA9910 PHILIPS-TDA9910 Datasheet
138Kb / 21P
   12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC) direct/ultra high IF sampling
Rev. 02-9 December 2004
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
logo
NXP Semiconductors
ADC0801S040 NXP-ADC0801S040 Datasheet
123Kb / 19P
   Single 8 bits ADC, up to 40 MHz
Rev. 02-18 August 2008
logo
Renesas Technology Corp
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
logo
Integrated Device Techn...
ADC1002S020 IDT-ADC1002S020 Datasheet
426Kb / 18P
   Single 10 bits ADC, up to 20 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com