Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC369-25 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza BC369-25
Descripción Electrónicos  PNP medium power transistor;
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC369-25 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BC369-25 Datasheet HTML 4Page - NXP Semiconductors BC369-25 Datasheet HTML 5Page - NXP Semiconductors BC369-25 Datasheet HTML 6Page - NXP Semiconductors BC369-25 Datasheet HTML 7Page - NXP Semiconductors BC369-25 Datasheet HTML 8Page - NXP Semiconductors BC369-25 Datasheet HTML 9Page - NXP Semiconductors BC369-25 Datasheet HTML 10Page - NXP Semiconductors BC369-25 Datasheet HTML 11Page - NXP Semiconductors BC369-25 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2004 Nov 05
8
NXP Semiconductors
Product data sheet
PNP medium power transistor;
20 V, 1 A
BC369
handbook, halfpage
0
(5)
(7)
IC
(A)
VCE (V)
−2.4
−1.6
−1.2
−2.0
−0.8
−0.4
0
−1
−5
−2
−3
−4
MLE293
(8)
(10)
(6)
(9)
(2)
(1)
(4)
(3)
Fig.7
Collector current as a function of
collector-emitter voltage; typical values.
(1) IB = −12 mA.
(2) IB = −10.8 mA.
(3) IB = −9.6 mA.
(4) IB = −8.4 mA.
(5) IB = −7.2 mA.
(6) IB = −6.0 mA.
(7) IB = −4.8 mA.
(8) IB = −3.6 mA.
(9) IB = −2.4 mA.
(10) IB = −1.2 mA.
Tamb = 25 °C.
BC369-25.
handbook, halfpage
MLE294
−10−1
−1
−10
−102
−103
−104
IC (mA)
VBE
(mV)
−200
0
−400
−800
−600
−1000
Fig.8
Base-emitter voltage as a function of
collector current; typical values.
VCE = −1 V.
BC369-25.


Número de pieza similar - BC369-25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC369-25 PHILIPS-BC369-25 Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Apr 26
More results

Descripción similar - BC369-25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PBSS5540Z PHILIPS-PBSS5540Z Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Aug 04
logo
Guangdong Kexin Industr...
BC869 KEXIN-BC869 Datasheet
53Kb / 2P
   PNP Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SA1036KPT CHENMKO-2SA1036KPT Datasheet
102Kb / 3P
   Medium Power PNP Transistor
logo
Galaxy Semi-Conductor H...
BC869 BILIN-BC869 Datasheet
142Kb / 3P
   PNP medium power Transistor
logo
Chenmko Enterprise Co. ...
2SB1188PT CHENMKO-2SB1188PT Datasheet
242Kb / 3P
   PNP Medium Power Transistor
logo
Guangdong Kexin Industr...
KCP69 KEXIN-KCP69 Datasheet
79Kb / 2P
   PNP medium power transistor
logo
STMicroelectronics
2SB772 STMICROELECTRONICS-2SB772_07 Datasheet
109Kb / 8P
   PNP medium power transistor
logo
SHIKUES Electronics
BC869 SKTECHNOLGY-BC869 Datasheet
414Kb / 2P
   PNP Medium Power Transistor
logo
Rohm
UMT4403U3HZG ROHM-UMT4403U3HZG Datasheet
1Mb / 10P
   PNP Medium Power Transistor
logo
NXP Semiconductors
BC369 PHILIPS-BC369 Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Apr 26
logo
STMicroelectronics
STF826 STMICROELECTRONICS-STF826 Datasheet
448Kb / 12P
   PNP medium power transistor
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com