Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BC546B Datasheet(PDF) 10 Page - NXP Semiconductors |
|
BC546B Datasheet(HTML) 10 Page - NXP Semiconductors |
10 / 14 page BC846_BC546_SER_7 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 07 — 17 November 2009 10 of 14 NXP Semiconductors BC846/BC546 series 65 V, 100 mA NPN general-purpose transistors 10. Soldering Dimensions in mm Fig 15. Reflow soldering footprint SOT23 (TO-236AB) Dimensions in mm Fig 16. Wave soldering footprint SOT23 (TO-236AB) MSA439 1.00 0.60 (3x) 1.30 1 2 3 2.50 3.00 0.85 2.70 2.90 0.50 (3x) 0.60 (3x) 3.30 0.85 solder lands solder resist occupied area solder paste MSA427 4.00 4.60 2.80 4.50 1.20 3.40 3 21 1.20 (2x) preferred transport direction during soldering solder lands solder resist occupied area |
Número de pieza similar - BC546B |
|
Descripción similar - BC546B |