Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5371-BS Datasheet(PDF) 11 Page - Cirrus Logic

No. de pieza CS5371-BS
Descripción Electrónicos  Low-power, High-performance ?誇 Modulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371-BS Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5371-BS Datasheet HTML 7Page - Cirrus Logic CS5371-BS Datasheet HTML 8Page - Cirrus Logic CS5371-BS Datasheet HTML 9Page - Cirrus Logic CS5371-BS Datasheet HTML 10Page - Cirrus Logic CS5371-BS Datasheet HTML 11Page - Cirrus Logic CS5371-BS Datasheet HTML 12Page - Cirrus Logic CS5371-BS Datasheet HTML 13Page - Cirrus Logic CS5371-BS Datasheet HTML 14Page - Cirrus Logic CS5371-BS Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
CS5371 CS5372
DS255F3
11
input signal is a steady state DC signal within
±50 mV of the common mode input voltage. Idle
tones result from patterns in the output bitstream
and appear in the measurement spectrum about
-135 dB down from full scale.
Idle tones can be eliminated by adding differential
DC offset to the modulator inputs. The added off-
set should be applied differentially to the inputs,
common mode offsets do not affect idle tones.
5.1.
Offset Enable - OFST
If the analog inputs are near the common mode
voltage when no signal is present, the OFST pin
can be used to eliminate idle tones.
When
OFST=1, -50 mV of differential offset is added to
the modulator analog inputs to push the idle tones
out of the measurement bandwidth. Care should
be taken that when OFST is active, offset voltages
generated by external circuitry do not negate the
internally added offset.
5.2.
Offset Drift
Offset drift characteristics vary from part to part
and with changes in the power supply voltages. If
the CS5371/72 is used in precision DC measure-
ment applications where offset drift is to be mini-
mized,
the
power
supplies
should
be
well
regulated.
For the lowest offset drift, the CS5371/72 modula-
tors should operate with an MCLK of 2.048 MHz.
The offset drift rate is inversely proportional to
clock frequency, with slower modulator clock rates
exhibiting more offset drift.
Operating from an
MCLK of 1.024 MHz results in twice the offset drift
rate compared to an MCLK of 2.048 MHz.
Because offset drift is not linear with temperature,
an exact drift rate per °C cannot be specified. The
CS5371/72 modulators will exhibit approximately
5 ppm/°C of offset drift operating with an MCLK of
2.048 MHz.
6. VOLTAGE REFERENCE INPUTS
The CS5371/72 modulators are designed to oper-
ate with a 2.5 V voltage reference applied across
the VREF+ and VREF- pins to set the full-scale sig-
nal range of the analog inputs. A 2.5 V voltage ref-
erence results in the highest dynamic range and
best signal-to-noise performance, though smaller
reference voltages may be used.
When the
CS5371/72 modulators are operated with a 2.5 V
reference, the analog inputs measure full-scale
signals of 5 volts peak-to-peak fully differential.
In a single supply power configuration the voltage
reference output should be connected to the
VREF+ pin with the VREF- pin connected to
ground. In a dual supply power configuration the
voltage reference should be powered from the VA+
and VA- supplies, with the modulator VREF+ pin
connected to the voltage reference output and the
VREF- pin connected to VA-. Because most 2.5 V
voltage references require a power supply voltage
greater than 3 V to operate, when powering the
voltage reference from dual supplies the reference
voltage into the VREF+ pin should be defined rela-
tive to the VA- supply.
The selected voltage reference should produce
less than 1
µVrms of noise in the measurement
bandwidth on the VREF+ pin. The digital filter out-
put word rate selection determines the bandwidth


Número de pieza similar - CS5371-BS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5371-BS CIRRUS-CS5371-BS Datasheet
366Kb / 22P
   LOW POWER HIGH PERFORMANCE MODULATORS
More results

Descripción similar - CS5371-BS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5371A CIRRUS-CS5371A_09 Datasheet
302Kb / 32P
   Low-power, High-performance ?誇 Modulators
CS5371 CIRRUS-CS5371 Datasheet
366Kb / 22P
   LOW POWER HIGH PERFORMANCE MODULATORS
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
   Low-power, High-performance Modulators
CS5374_0910 CIRRUS-CS5374_0910 Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
CS5374 CIRRUS-CS5374 Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Asahi Kasei Microsystem...
AK5355 AKM-AK5355_05 Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AK5355VT AKM-AK5355VT Datasheet
167Kb / 20P
   Low Power 16bit ?誇 ADC
AK5394A AKM-AK5394A_05 Datasheet
191Kb / 25P
   Super High Performance 192kHz 24-Bit ?誇 ADC
AK4554 AKM-AK4554 Datasheet
197Kb / 17P
   Low Power & Small Package 16bit ?誇 CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com