Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD00GA5WEFJ-E2 Datasheet(PDF) 6 Page - Rohm

No. de pieza BD00GA5WEFJ-E2
Descripción Electrónicos  1A Secondary Variable Output LDO Regulators for Local Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD00GA5WEFJ-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD00GA5WEFJ-E2 Datasheet HTML 2Page - Rohm BD00GA5WEFJ-E2 Datasheet HTML 3Page - Rohm BD00GA5WEFJ-E2 Datasheet HTML 4Page - Rohm BD00GA5WEFJ-E2 Datasheet HTML 5Page - Rohm BD00GA5WEFJ-E2 Datasheet HTML 6Page - Rohm BD00GA5WEFJ-E2 Datasheet HTML 7Page - Rohm BD00GA5WEFJ-E2 Datasheet HTML 8Page - Rohm BD00GA5WEFJ-E2 Datasheet HTML 9Page - Rohm BD00GA5WEFJ-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD00GC0WEFJ
Technical Note
6/11
Heat Loss
Thermal design should allow operation within the following conditions. Note that the temperatures listed are the allowed
temperature limits, and thermal design should allow sufficient margin from the limits.
1. Ambient temperature Ta can be no higher than 85℃.
2. Chip junction temperature (Tj) can be no higher than 150℃.
Chip junction temperature can be determined as follows:
Most of the heat loss that occurs in the BD00GC0WEFJ is generated from the output Pch FET. Power loss is determined by
the total Vcc-Vo voltage and output current. Be sure to confirm the system input and output voltage and the output current
conditions in relation to the heat dissipation characteristics of the VIN and Vo in the design. Bearing in mind that heat
dissipation may vary substantially depending on the substrate employed (due to the power package incorporated in the
BD00GC0WEFJ make certain to factor conditions such as substrate size into the thermal design.
Power consumption (W) = Input voltage (VCC)- Output voltage (Vo) ×Io(Ave)
Example) Where VCC=5.0V, VO=3.3V, Io(Ave) = 0.1A,
Power consumption (W) = 5.0(V)-3.3(V) ×0.1(A)
=0.17(W)
About equivalent series resistance ESR (ceramic capacitor etc.)
Calculation based on ambient temperature (Ta)
Tj=Ta+θj-a×W
Reference values>
1-layer substrate (copper foil density 0mm×0mm)
2-layer substrate (copper foil density 15mm×15mm)
2-layer substrate (copper foil density 70mm×70mm)
4-layer substrate (copper foil density 70mm×70mm)
Substrate size: 70×70×1.6mm
3 (substrate with thermal via)
θ
j-a: HTSOP-J8 153.2℃/W
113.6℃/W
59.2℃/W
33.3℃/W
Capacitor usually has ESR(Equivalent Series Resistance), and
operates stable in ESR-OUT range, showed right. Generally, ESR of
ceramic, tantalum and electronic capacitor etc. is different for each,
so please be sure to check a capacitor which is going to use, and use
it inside the stable range, showed right. Then, please evaluate for the
actual application.
Stable area characteristics
(Characteristics example)
Capacity-Bias characteristics
0.01
0.1
1
10
100
0
50
100
150
200
IOUT [mA]


Número de pieza similar - BD00GA5WEFJ-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results

Descripción similar - BD00GA5WEFJ-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BA15NC0WT ROHM-BA15NC0WT Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HA3WEFJ ROHM-BD00HA3WEFJ Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com