Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SA14CA Datasheet(PDF) 5 Page - Littelfuse |
|
SA14CA Datasheet(HTML) 5 Page - Littelfuse |
5 / 5 page 75 ©2009 Littelfuse, Inc. Specifications are subject to change without notice. Transient Voltage Suppression Diodes Revision: January 09, 2009 Axial Leaded – 500W > SA series SA Series Please refer to http://www.Littelfuse.com/series/SA.html for current information. Part Numbering System Packaging Part Number Component Package Quantity Packaging Option Packaging Specification SAxxxXX DO-204AC 4000 Tape & Reel EIA STD RS-296E SAxxxXX-B DO-204AC 1000 Bulk Littelfuse Concord Packing Spec. DM-0016 VOLTAGE CODE (Refer to the Electrical Characteristics table) TYPE CODE: A Uni-Directional (5% Voltage Tolerance) CA Bi-Directional OPTION CODE: BLANK Reel Tape -B Bulk Packaging SERIES CODE SAxxx XX X Part Marking System F Product Type Littelfuse Logo Cathode Band |
Número de pieza similar - SA14CA |
|
Descripción similar - SA14CA |