Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC33063A Datasheet(PDF) 6 Page - Texas Instruments |
|
|
MC33063A Datasheet(HTML) 6 Page - Texas Instruments |
6 / 20 page Q S R CT Ipk Q2 Q1 2 1 CT Comparator _ + 1.25-V Reference Regulator 4 5 3 8 180 Ω 7 6 RSC 0.22 Ω 47 k Ω R2 L 170 µH CO 1N5819 330 µF 1500 pF R1 2.2 k Ω 100 µF + + VCC VOUT 28 V/175 mA 1.0 µH 100 µF + Optional Filter VIN 12 V V OUT + 1.25 (1 ) R2 R1 ) MC33063A MC34063A SLLS636L – DECEMBER 2004 – REVISED DECEMBER 2009 www.ti.com TYPICAL CHARACTERISTICS (continued) Figure 6. Step-Up Converter TEST CONDITIONS RESULTS Line regulation VIN = 8 V to 16 V, IO = 175 mA 30 mV ± 0.05% Load regulation VIN = 12 V, IO = 75 mA to 175 mA 10 mV ± 0.017% Output ripple VIN = 12 V, IO = 175 mA 400 mVPP Efficiency VIN = 12 V, IO = 175 mA 87.7% Output ripple with optional filter VIN = 12 V, IO = 175 mA 40 mVPP 6 Submit Documentation Feedback Copyright © 2004–2009, Texas Instruments Incorporated Product Folder Link(s): MC33063A MC34063A |
Número de pieza similar - MC33063A |
|
Descripción similar - MC33063A |