Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33063ADRE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza MC33063ADRE4
Descripción Electrónicos  1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

MC33063ADRE4 Datasheet(HTML) 5 Page - Texas Instruments

  MC33063ADRE4 Datasheet HTML 1Page - Texas Instruments MC33063ADRE4 Datasheet HTML 2Page - Texas Instruments MC33063ADRE4 Datasheet HTML 3Page - Texas Instruments MC33063ADRE4 Datasheet HTML 4Page - Texas Instruments MC33063ADRE4 Datasheet HTML 5Page - Texas Instruments MC33063ADRE4 Datasheet HTML 6Page - Texas Instruments MC33063ADRE4 Datasheet HTML 7Page - Texas Instruments MC33063ADRE4 Datasheet HTML 8Page - Texas Instruments MC33063ADRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IE, Emitter Current (A)
VCC = 5 V
Pin 1, 7, 8 = VCC
Pin 3, 5 = GND
TA = 25°C
1
1
0
1
10
100
1000
0.01
0.1
1
10
CT, Oscillator Timing Capacitor (nF)
VCC = 5 V
Pin 7 = VCC
Pin 5 = GND
TA = 25°C
tON
tOFF
200
220
240
260
280
300
320
340
360
380
−50
−25
0
25
50
75
100
125
TA, Ambient Temperature (°C)
VCC = 5 V
ICHG = IDISCHG
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IC, Collector Current (A)
Darlington Connection
VCC = 5 V
Pin 7 = VCC
Pin 2, 3, 5 = GND
TA = 25°C
Force Beta = 20
0
0
1
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
0
5
10
15
20
25
30
35
40
VCC, Supply Voltage (V)
CT = 1 nF
Pin 7 = VCC
Pin 2 = GND
TA = 25°C
MC33063A
MC34063A
www.ti.com
SLLS636L – DECEMBER 2004 – REVISED DECEMBER 2009
TYPICAL CHARACTERISTICS
Figure 1. Output Switch On-Off Time vs
Figure 2. Output Switch Saturation Voltage vs
Oscillator Timing Capacitor
Emitter Current (Emitter-Follower Configuration)
Figure 3. Output Switch Saturation Voltage vs
Figure 4. Current-Limit Sense Voltage vs Temperature
Collector Current (Common-Emitter Configuration)
Figure 5. Standby Supply Current vs Supply Voltage
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): MC33063A MC34063A


Número de pieza similar - MC33063ADRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MC33063ADRE4 TI-MC33063ADRE4 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063ADRE4 TI1-MC33063ADRE4 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
More results

Descripción similar - MC33063ADRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MC33063A TI1-MC33063A_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_07 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
ON Semiconductor
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com