Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MAX232EIDWR Datasheet(PDF) 2 Page - Texas Instruments |
|
|
MAX232EIDWR Datasheet(HTML) 2 Page - Texas Instruments |
2 / 16 page DIN1 DOUT1 RIN1 ROUT1 DIN2 DOUT2 RIN2 ROUT2 11 10 12 9 14 7 13 8 MAX232E SLLS723B – APRIL 2006 – REVISED NOVEMBER 2009 www.ti.com Table 1. ORDERING INFORMATION(1) TA PACKAGE(2) ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP – N Tube of 25 MAX232ECN MAX232ECN Tube of 40 MAX232ECD SOIC – D MAX232EC Reel of 2500 MAX232ECDR 0°C to 70°C Tube of 40 MAX232ECDW SOIC – DW MAX232EC Reel of 2000 MAX232ECDWR Tube of 25 MAX232ECPW TSSOP – PW MA232EC Reel of 2000 MAX232ECPWR PDIP – N Tube of 25 MAX232EIN MAX232EIN Tube of 40 MAX232EID SOIC – D MAX232EI Reel of 2500 MAX232EIDR –40°C to 85°C Tube of 40 MAX232EIDW SOIC – DW MAX232EI Reel of 2000 MAX232EIDWR Tube of 25 MAX232EIPW TSSOP – PW MB232EI Reel of 2000 MAX232EIPWR (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. Table 2. FUNCTION TABLES ABC Each Driver(1) INPUT OUTPUT DIN DOUT L H H L (1) H = high level, L = low level Table 3. Each Receiver(1) INPUT OUTPUT RIN ROUT L H H L (1) H = high level, L = low level LOGIC DIAGRAM (POSITIVE LOGIC) 2 Submit Documentation Feedback Copyright © 2006–2009, Texas Instruments Incorporated Product Folder Link(s): MAX232E |
Número de pieza similar - MAX232EIDWR |
|
Descripción similar - MAX232EIDWR |