Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM035C186KHN240 Datasheet(PDF) 11 Page - AVX Corporation |
|
SM035C186KHN240 Datasheet(HTML) 11 Page - AVX Corporation |
11 / 112 page 10 50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V 1.0 .70 .40 .18 1.2 1.0 .60 .26 .47 .40 .20 .09 27 12 7.0 2.6 41 18 11 4.0 18 6.0 3.6 1.3 84 32 12 – – 110 46 34 – – 40 15 6.0 – – SMPS Stacked MLC Capacitors (SM Style) Max Capacitance (μF) Available Versus Style with Height (A) of 0.120" - 3.05mm 50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V .16 .13 .07 .02 .05 .04 .02 .01 3.2 2.4 1.3 .50 7.5 1.8 1.1 .40 2.8 .68 .40 .16 80 40 24 9.4 12 4.6 3.0 – – 4.6 1.8 .72 – – 260 140 92 – – Max Capacitance (μF) Available Versus Style with Height (A) of 0.240" - 6.10mm 50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V 2.0 1.4 .80 .36 2.4 2.0 1.2 .52 1.0 .80 .40 .18 54 24 14 5.2 82 36 22 8.0 36 12 7.2 2.6 160 64 24 – – 230 92 68 – – 80 30 12 – – 50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V .32 .26 .14 .05 .10 .08 .05 .02 6.4 4.8 2.6 1.0 15 3.6 2.2 .80 5.6 1.3 .80 .32 160 80 48 18 24 9.2 6.0 – – 9.2 3.6 1.4 – – 520 280 180 – – Max Capacitance (μF) Available Versus Style with Height (A) of 0.360" - 9.14mm 50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V 3.0 2.1 1.2 .54 3.6 3.0 1.8 .78 1.5 1.2 .60 .27 82 36 21 7.8 120 54 33 12 54 18 10 3.9 250 96 36 – – 350 130 100 – – 120 45 18 – – 50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V .48 .39 .21 .07 .15 .12 .07 .03 9.6 7.2 3.9 1.5 22 5.4 3.3 1.2 8.2 2.0 1.2 .48 240 120 72 28 36 13 9.0 – – 13 5.4 2.1 – – 780 430 270 – – Max Capacitance (μF) Available Versus Style with Height (A) of 0.480" - 12.2mm 50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V 4.0 2.8 1.6 .72 4.8 4.0 2.2 1.0 2.0 1.6 .80 .36 110 48 28 10 160 72 44 16 72 24 14 5.2 330 120 48 – – 470 180 130 – – 160 60 24 – – 50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V .64 .52 .28 .10 .20 .16 .10 .04 12 9.6 5.2 2.0 30 7.2 4.4 1.6 10 2.7 1.6 .64 320 160 96 37 48 18 12 – – 18 7.2 2.8 – – 1000 570 360 – – Max Capacitance (μF) Available Versus Style with Height (A) of 0.650" - 16.5mm 50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V 5.0 3.5 2.0 .90 6.0 5.0 3.0 1.3 2.5 2.0 1.0 .47 130 60 35 13 200 90 55 20 90 30 18 6.5 420 160 60 – – 590 230 170 – – 200 75 30 – – 50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V .80 .65 .35 .12 .25 .20 .12 .05 16 12 6.5 2.5 36 9.0 5.5 2.0 12 3.4 2.0 .80 400 200 120 47 60 23 15 – – 23 9.0 3.6 – – 1300 720 460 – – SM01 _ _ _ _ _ _ AN120 SM02 _ _ _ _ _ _ AN120 SM03 _ _ _ _ _ _ AN120 SM04 _ _ _ _ _ _ AN120 SM05 _ _ _ _ _ _ AN120 SM06 _ _ _ _ _ _ AN120 AVX STYLE C0G X7R Z5U SM01 _ _ _ _ _ _ AN240 SM02 _ _ _ _ _ _ AN240 SM03 _ _ _ _ _ _ AN240 SM04 _ _ _ _ _ _ AN240 SM05 _ _ _ _ _ _ AN240 SM06 _ _ _ _ _ _ AN240 AVX STYLE C0G X7R Z5U SM01 _ _ _ _ _ _ AN360 SM02 _ _ _ _ _ _ AN360 SM03 _ _ _ _ _ _ AN360 SM04 _ _ _ _ _ _ AN360 SM05 _ _ _ _ _ _ AN360 SM06 _ _ _ _ _ _ AN360 AVX STYLE C0G X7R Z5U SM01 _ _ _ _ _ _ AN480 SM02 _ _ _ _ _ _ AN480 SM03 _ _ _ _ _ _ AN480 SM04 _ _ _ _ _ _ AN480 SM05 _ _ _ _ _ _ AN480 SM06 _ _ _ _ _ _ AN480 AVX STYLE C0G X7R Z5U SM01 _ _ _ _ _ _ AN650 SM02 _ _ _ _ _ _ AN650 SM03 _ _ _ _ _ _ AN650 SM04 _ _ _ _ _ _ AN650 SM05 _ _ _ _ _ _ AN650 SM06 _ _ _ _ _ _ AN650 AVX STYLE C0G X7R Z5U |
Número de pieza similar - SM035C186KHN240 |
|
Descripción similar - SM035C186KHN240 |