Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM015C826KHN480 Datasheet(PDF) 9 Page - AVX Corporation

No. de pieza SM015C826KHN480
Descripción Electrónicos  AVX Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

SM015C826KHN480 Datasheet(HTML) 9 Page - AVX Corporation

Back Button SM015C826KHN480 Datasheet HTML 5Page - AVX Corporation SM015C826KHN480 Datasheet HTML 6Page - AVX Corporation SM015C826KHN480 Datasheet HTML 7Page - AVX Corporation SM015C826KHN480 Datasheet HTML 8Page - AVX Corporation SM015C826KHN480 Datasheet HTML 9Page - AVX Corporation SM015C826KHN480 Datasheet HTML 10Page - AVX Corporation SM015C826KHN480 Datasheet HTML 11Page - AVX Corporation SM015C826KHN480 Datasheet HTML 12Page - AVX Corporation SM015C826KHN480 Datasheet HTML 13Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
8
SMPS Stacked MLC Capacitors
(SM Style) Technical Information on SMPS Capacitors
Temperature Coefficient
C0G: A Temperature Coefficient - 0 ±30 ppm/°C, -55° to +125°C
X7R: C Temperature Coefficient - ±15%, -55° to +125°C
Z5U: E Temperature Coefficient - +22, -56%, +10° to +85°C
Capacitance Test (MIL-STD-202 Method 305)
C0G: 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz
X7R: 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz
Z5U: 25°C, 0.5 Vrms max (open circuit voltage) at 1KHz
Dissipation Factor 25°C
C0G: 0.15% Max @ 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz
X7R: 2.5% Max @ 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz
Z5U: 3.0% Max @ 25°C, 0.5 Vrms max (open circuit voltage) at 1KHz
Insulation Resistance 25°C (MIL-STD-202 Method 302)
C0G and X7R: 100K MΩ or 1000 MΩ-μF, whichever is less.
Z5U: 10K MΩ or 1000 MΩ-μF, whichever is less.
Insulation Resistance 125°C (MIL-STD-202 Method 302)
C0G and X7R: 10K MΩ or 100 MΩ-μF, whichever is less.
Z5U: 1K MΩ or 100 MΩ-μF, whichever is less.
Dielectric Withstanding Voltage 25°C (Flash Test)
C0G and X7R: 250% rated voltage for 5 seconds with 50 mA max
charging current. (500 Volt units @ 750 VDC)
Z5U: 200% rated voltage for 5 seconds with 50 mA max charging
current.
Life Test (1000 hrs)
C0G and X7R: 200% rated voltage at +125°C. (500 Volt units @
600 VDC)
Z5U: 150% rated voltage at +85°C
Moisture Resistance (MIL-STD-202 Method 106)
C0G, X7R, Z5U: Ten cycles with no voltage applied.
Thermal Shock (MIL-STD-202 Method 107, Condition A)
Immersion Cycling (MIL-STD-202 Method 104, Condition B)
Resistance To Solder Heat (MIL-STD-202, Method 210,
Condition B, for 20 seconds)
Typical ESR Performance (mΩ)
Aluminum
Low ESR
Solid Aluminum
MLCC
MLCC
Electrolytic
Solid Tantalum
Electrolytic
SMPS
SMPS
100μF/50V
100μF/10V
100μF/16V
100μF/50V
4.7μF/50V
ESR @ 10KHz
300
72
29
3
66
ESR @ 50KHz
285
67
22
2
23
ESR @ 100KHz
280
62
20
2.5
15
ESR @ 500KHz
265
56
18
4
8
ESR @ 1MHz
265
56
17
7
7.5
ESR @ 5MHz
335
72
17
12.5
8
ESR @ 10MHz
560
91
22
20
14
ELECTRICAL SPECIFICATIONS
Note: Capacitors with X7R and Z5U dielectrics are not intended for applications
across AC supply mains or AC line filtering with polarity reversal. Contact plant
for recommendations.
*Hi-Rel screening for C0G and X7R only. Screening consists of 100% Group A
(B Level), Subgroup 1 per MIL-PRF-49470.
SM0
AVX Style
SM0 = Uncoated
SM5 = Epoxy Coated
1
Size
See
Dimensions
chart
7
Voltage
50V = 5
100V = 1
200V = 2
500V = 7
C
Temperature
Coefficient
C0G = A
X7R = C
Z5U = E
106
Capacitance
Code
(2 significant digits
+ number of zeros)
10 pF = 100
100 pF = 101
1,000 pF = 102
22,000 pF = 223
220,000 pF = 224
1μF = 105
10 μF = 106
100 μF = 107
M
Capacitance
Tolerance
C0G:
J = ±5%
K = ±10%
M = ±20%
X7R:
K = ±10%
M = ±20%
Z = +80%, -20%
Z5U:
M = ±20%
Z = +80%, -20%
P = GMV (+100, -0%)
A
Test Level
A = Standard
B = Hi-Rel*
N
Termination
N = Straight Lead
J = Leads formed in
L = Leads formed out
P = P Style Leads
Z = Z Style Leads
650
Height
Max
Dimension “A”
120 = 0.120"
240 = 0.240"
360 = 0.360"
480 = 0.480"
650 = 0.650"
HOW TO ORDER
AVX Styles: SM-1, SM-2, SM-3, SM-4, SM-5, SM-6


Número de pieza similar - SM015C826KHN480

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
SM01 AVX-SM01 Datasheet
186Kb / 18P
   SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
logo
List of Unclassifed Man...
SM010 ETC-SM010 Datasheet
138Kb / 2P
   HCMOS SURFACE MOUNT OSCILLATORS
More results

Descripción similar - SM015C826KHN480

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
05041A0R5CA79A AVX-05041A0R5CA79A Datasheet
6Mb / 135P
   Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
logo
Coilcraft lnc.
ST515FRF COILCRAFT-ST515FRF Datasheet
215Kb / 1P
   Tip and Ring Filters for Critical Applications
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
Coilcraft lnc.
TTTRF2000 COILCRAFT-TTTRF2000 Datasheet
80Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF4000LB COILCRAFT-PTRF4000LB Datasheet
128Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF2000L COILCRAFT-PTRF2000L_16 Datasheet
130Kb / 1P
   Surface Mount Tip and Ring Filters
TRF-2000L COILCRAFT-TRF-2000L Datasheet
159Kb / 1P
   Tip and Ring Common Mode Filters
PTRF2000L COILCRAFT-PTRF2000L Datasheet
77Kb / 1P
   Surface Mount Tip and Ring Filters
TRF2000L COILCRAFT-TRF2000L Datasheet
254Kb / 1P
   Tip and Ring Common Mode Filters
logo
Kemet Corporation
C0805C103KARAC KEMET-C0805C103KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com