Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA028LBSG Datasheet(PDF) 8 Page - Rohm

No. de pieza BA028LBSG
Descripción Electrónicos  Super-mini package regulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA028LBSG Datasheet(HTML) 8 Page - Rohm

  BA028LBSG_1 Datasheet HTML 1Page - Rohm BA028LBSG_1 Datasheet HTML 2Page - Rohm BA028LBSG_1 Datasheet HTML 3Page - Rohm BA028LBSG_1 Datasheet HTML 4Page - Rohm BA028LBSG_1 Datasheet HTML 5Page - Rohm BA028LBSG_1 Datasheet HTML 6Page - Rohm BA028LBSG_1 Datasheet HTML 7Page - Rohm BA028LBSG_1 Datasheet HTML 8Page - Rohm BA028LBSG_1 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BA
ΟΟΟLBSG series
Regulator IC
!
!
!
!
Electrical characteristic curves (BA030LBSG)
Fig.2 ICC vs. IO
50
150
0
0
1500
VCC=4V
Vctl=3V
LOAD CURRENT : IO
(mA)
100
500
1000
12
7
6
0
0
50
150
100
200
300
250
SUPPLY VOLTAGE : VCC
(V)
34
5
Vctl=3V
Io=0mA
Ta=25˚C
Fig.3 ICCa vs. VCC
100
200
500
0
0
1
2
3
4
LOAD CURRENT : IO
(mA)
300
400
VCC=4.0V
Vctl=3.0V
Fig.4 IO vs. VO
150
120 140
OUTPUT CURRENT : IO
(mA)
Fig.5
∆V vs. IO
60
80
100
40
20
0
0
300
100
150
50
200
250
1k
10k
1M
100
−20
0
20
80
FREQUENCY : f (Hz)
100k
40
60
R.R1
R.R2
VCC=4.0V
IO=10mA
Fig.6 R.R. vs. f characteristics
!
!
!
!
External dimensions (Units : mm)
SMP5
2.9 ± 0.2
0.1
0.4 ± 0.1
0.95
(5)
(4)
(1) (2) (3)
+ 0.1
− 0.05


Número de pieza similar - BA028LBSG_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA028LBSG ROHM-BA028LBSG Datasheet
129Kb / 9P
   Super-mini package regulator IC
BA028LBSG ROHM-BA028LBSG Datasheet
114Kb / 8P
   Super-mini package regulator IC
More results

Descripción similar - BA028LBSG_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA028LBSG ROHM-BA028LBSG Datasheet
129Kb / 9P
   Super-mini package regulator IC
BAOOLBSG ROHM-BAOOLBSG Datasheet
129Kb / 9P
   Super-mini package regulator IC
BAOOOLBSG ROHM-BAOOOLBSG Datasheet
114Kb / 8P
   Super-mini package regulator IC
BA00LBSG ROHM-BA00LBSG Datasheet
115Kb / 9P
   Super-mini package regulator IC
BA030LBSG2-TR ROHM-BA030LBSG2-TR Datasheet
121Kb / 9P
   Super-mini package regulator IC
BA000LBSG ROHM-BA000LBSG Datasheet
116Kb / 9P
   Super-mini package regulator IC
BA050LBSG2-TR ROHM-BA050LBSG2-TR Datasheet
121Kb / 9P
   Super-mini package regulator IC
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
Seiko Instruments Inc
S-817 SII-S-817_1 Datasheet
1Mb / 52P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 SII-S-817 Datasheet
830Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com