Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUC1G07DCKTG4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza SN74AUC1G07DCKTG4
Descripción Electrónicos  SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G07DCKTG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUC1G07DCKTG4 Datasheet HTML 1Page - Texas Instruments SN74AUC1G07DCKTG4 Datasheet HTML 2Page - Texas Instruments SN74AUC1G07DCKTG4 Datasheet HTML 3Page - Texas Instruments SN74AUC1G07DCKTG4 Datasheet HTML 4Page - Texas Instruments SN74AUC1G07DCKTG4 Datasheet HTML 5Page - Texas Instruments SN74AUC1G07DCKTG4 Datasheet HTML 6Page - Texas Instruments SN74AUC1G07DCKTG4 Datasheet HTML 7Page - Texas Instruments SN74AUC1G07DCKTG4 Datasheet HTML 8Page - Texas Instruments SN74AUC1G07DCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
DBVPACKAGE
(TOP VIEW)
3
2
4
5
1
NC
V
CC
Y
A
GND
Seemechanicaldrawingsfordimensions.
DNU – Donotuse
NC
Nointernalconnection
V
CC
3
2
4
5
1
NC
Y
A
GND
DCKPACKAGE
(TOP VIEW)
V
CC
DNU
GND
Y
A
1
4
2
3
5
YZP PACKAGE
(BOTTOMVIEW)
DRY PACKAGE
(TOP VIEW)
A
NC
6
4
2
3
GND
Y
V
CC
1
5
NC
PR
EVIE
W
DESCRIPTION/ORDERING INFORMATION
SN74AUC1G07
SINGLE BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUT
SCES373Q – SEPTEMBER 2001 – REVISED JULY 2007
• Available in the Texas Instruments
• Low Power Consumption, 10-μA Max I
CC
NanoFree™ Package
• ±8-mA Output Drive at 1.8 V
• Optimized for 1.8-V Operation and Is 3.6-V I/O
• Latch-Up Performance Exceeds 100 mA Per
Tolerant to Support Mixed-Mode Signal
JESD 78, Class II
Operation
• ESD Protection Exceeds JESD 22
• I
off Supports Partial-Power-Down Mode
2000-V Human-Body Model (A114-A)
Operation
200-V Machine Model (A115-A)
• Sub-1-V Operable
1000-V Charged-Device Model (C101)
• Max t
pd of 2.5 ns at 1.8 V
This single buffer/driver is operational at 0.8-V to 2.7-V VCC, but is designed specifically for 1.65-V to 1.95-V VCC
operation.
The output of the SN74AUC1G07 is open drain and can be connected to other open-drain outputs to implement
active-low wired-OR or active-high wired-AND functions.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
Reel of 3000
SN74AUC1G07YZPR
_ _ _UV_
(Pb-free)
–40
°C to 85°C SON – DRY
Reel of 5000
SN74AUC1G07DRYR
PREVIEW
SOT (SOT-23) – DBV
Reel of 3000
SN74AUC1G07DBVR
U07_
SOT (SC-70) – DCK
Reel of 3000
SN74AUC1G07DCKR
UV_
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
DBV/DCK/DRY: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2001–2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - SN74AUC1G07DCKTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUC1G07DCKR TI-SN74AUC1G07DCKR Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
More results

Descripción similar - SN74AUC1G07DCKTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
logo
Diodes Incorporated
74LVCE1G07 DIODES-74LVCE1G07 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_07 Datasheet
667Kb / 17P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com