Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40200D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40200D
Descripción Electrónicos  WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40200D Datasheet(HTML) 3 Page - Texas Instruments

  TPS40200D Datasheet HTML 1Page - Texas Instruments TPS40200D Datasheet HTML 2Page - Texas Instruments TPS40200D Datasheet HTML 3Page - Texas Instruments TPS40200D Datasheet HTML 4Page - Texas Instruments TPS40200D Datasheet HTML 5Page - Texas Instruments TPS40200D Datasheet HTML 6Page - Texas Instruments TPS40200D Datasheet HTML 7Page - Texas Instruments TPS40200D Datasheet HTML 8Page - Texas Instruments TPS40200D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
THERMAL CHARACTERISTICS
(1)
TPS40200
www.ti.com ........................................................................................................................................ SLUS659D – FEBRUARY 2006 – REVISED NOVEMBER 2008
ELECTRICAL CHARACTERISTICS (continued)
–40°C < TA = TJ < 85°C, VDD = 12 V, fOSC = 100 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SOFT START
Internal soft-start pull-up
65
105
170
RSS(chg)
resistance
k
Internal soft-start pull-down
190
305
485
RSS(dchg)
resistance
VSSRST
Soft-start reset threshold
100
150
200
mV
OVERCURRENT PROTECTION
0°C < TA < 125°C
65
100
140
VILIM
Overcurrent threshold
4.5 < VVDD < 52
mV
–40°C < TA < 125°C
55
100
140
OCDF
Overcurrent duty cycle
(1)
2
%
VILIM(rst)
Overcurrent reset threshold
100
150
200
mV
OSCILLATOR
Oscillator frequency range
(1)
35
500
fOSC
RRC = 200 kΩ, CRC = 470 pF
85
100
115
kHz
Oscillator frequency
RRC = 68.1 kΩ, CRC = 470 pF
255
300
345
12 V < VVDD < 52 V
-9
0
Frequency line regulation
%
4.5 V < VVDD < 12 V
–20
0
VRMP
Ramp amplitude
4.5 V < VVDD < 52 V
VDD÷10
V
PULSE WIDTH MODULATOR
Minimum controllable pulse
VVDD = 12 V
200
400
width. See Figure 24 for for
VVDD = 30 V
100
200
tMIN
ns
tMIN vs fOSC at various input
voltages.
fosc = 100 kHz, CL = 470 pF
93
95
DMAX
Maximum duty cycle
%
fosc = 300 kHz, CL = 470 pF
90
93
KPWM
Modulator and power stage dc
8
10
12
V/V
gain
ERROR AMPLIFIER
IIB
Input bias current
100
250
nA
AOL
Open loop gain
(1)
60
80
dB
GBWP
Unity gain bandwidth
(1)
1.5
3
MHz
ICOMP(src)
Output source current
VFB = 0.6 V, COMP = 1 V
100
250
µA
ICOMP(snk)
Output sink current
VFB = 1.2 V, COMP = 1 V
1.0
2.5
mA
(1)
Ensured by design. Not production tested.
over operating free-air temperature range (unless otherwise noted)
PACKAGE
PARAMETER
MIN
TYP
MAX
UNIT
SOIC (D)
θ
JC
Thermal resistance, junction-to-case
49
θ
JC
Thermal resistance, junction-to-case
85
θ
JB
Thermal resistance, junction-to-board
21
°C/W
QFN (DRB)
θ
JP
Thermal resistance, junction-to-pad
8
θ
JA
Thermal resistance, junction-to-ambient (natural convection)
67
(1)
TI uses test boards designed to JESD 51-3 and JESD 51-7 for thermal-impedance measurements. The parameters outlined in these
standards also are used to set up thermal models. TI uses the thermal-model program ThermCAL, a finite-difference thermal-modeling
tool. Using this test procedure, the junction-to-case thermal resistance of this part is 49°C/W. For more information see TI Technical
Brief SZZA017.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS40200


Número de pieza similar - TPS40200D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40200D TI-TPS40200D Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200D TI-TPS40200D Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200D TI1-TPS40200D Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200DG4 TI-TPS40200DG4 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200DG4 TI1-TPS40200DG4 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
More results

Descripción similar - TPS40200D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40200 TI-TPS40200 Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPS40200 Wide Input Range Non-Synchronous Voltage Mode Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Global Mixed-mode Techn...
G5212 GMT-G5212 Datasheet
72Kb / 1P
   Wide Input Range Synchronous Buck DCDC Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com