Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC1203D160HW Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza DAC1203D160HW
Descripción Electrónicos  Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1203D160HW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button DAC1203D160HW Datasheet HTML 4Page - NXP Semiconductors DAC1203D160HW Datasheet HTML 5Page - NXP Semiconductors DAC1203D160HW Datasheet HTML 6Page - NXP Semiconductors DAC1203D160HW Datasheet HTML 7Page - NXP Semiconductors DAC1203D160HW Datasheet HTML 8Page - NXP Semiconductors DAC1203D160HW Datasheet HTML 9Page - NXP Semiconductors DAC1203D160HW Datasheet HTML 10Page - NXP Semiconductors DAC1203D160HW Datasheet HTML 11Page - NXP Semiconductors DAC1203D160HW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
DAC1203D160_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 14 August 2008
8 of 19
NXP Semiconductors
DAC1203D160
Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
10. Characteristics
Table 5.
Characteristics
VCCD =VCCA = 3.0 V to 3.6 V; AGND and DGND connected together; Tamb = −40 °C to +85 °C; typical values measured at
VCCD =VCCA = 3.3 V, IO(fs) = 20 mA and Tamb =25 °C; dynamic parameters measured using output schematic given in
Figure 10; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VCCD
digital supply voltage
3.0
3.3
3.6
V
VCCA
analog supply voltage
3.0
3.3
3.6
V
ICCD
digital supply current
-
55
65
mA
ICCA
analog supply current
-
73
85
mA
Ptot
total power dissipation
fclk = 80 MHz;
fIOUT =fQOUT = 5 MHz
-
422
540
mW
Clock inputs (CLK and CLKN)
VI(cm)
common-mode input
voltage
-
1.65
-
V
∆Vi(dif)
differential input voltage
variation
-
1.0
-
V
Analog outputs (IOUT, IOUTN, QOUT and QOUTN)
IO(fs)
full-scale output current
differential outputs
4
-
20
mA
Ro
output resistance
[1] -
150
-
k
Co
output capacitance
[1] -3
-
pF
Digital inputs (I0 to I11, Q0 to Q11 and GAPD)
VIL
LOW-level input voltage
DGND
-
0.3 VCCD
V
VIH
HIGH-level input voltage
0.7 VCCD
-VCCD
V
IIL
LOW-level input current
VIL = 0.3 VCCD
-5
-
µA
IIH
HIGH-level input current
VIH = 0.7 VCCD
-5
-
µA
Reference voltage output (GAPOUT)
VGAPOUT
voltage on pin GAPOUT
-
1.31
-
V
IGAPOUT
current on pin GAPOUT
external voltage
-
1
-
µA
∆VGAPOUT voltage variation on pin
GAPOUT
-
±133
-
ppm/
°C
Clock timing inputs (CLK and CLKN)
fclk
clock frequency
-
-
80
MHz
tw(clk)H
HIGH clock pulse width
5
-
-
ns
tw(clk)L
LOW clock pulse width
5
-
-
ns
Input timing (I0 to I11 and Q0 to Q11); see Figure 5
th(i)
input hold time
1.1
-
3.4
ns
tsu(i)
input set-up time
−1.5
-
+0.7
ns
Output timing (IOUT, IOUTN, QOUT and QOUTN)
ts
settling time
to
±0.5 LSB
[1] -40
-
ns


Número de pieza similar - DAC1203D160HW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
DAC1203D160HW IDT-DAC1203D160HW Datasheet
434Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
logo
Renesas Technology Corp
DAC1203D160HW RENESAS-DAC1203D160HW Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
More results

Descripción similar - DAC1203D160HW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
DAC1203D160 IDT-DAC1203D160 Datasheet
434Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
NXP Semiconductors
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
DAC1003D160 NXP-DAC1003D160 Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
Integrated Device Techn...
DAC1003D160 IDT-DAC1003D160 Datasheet
433Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
logo
NXP Semiconductors
TDA9935 NXP-TDA9935 Datasheet
109Kb / 18P
   Dual 14-bit, up to 160 Msample/s, 2 쨈 interpolating Digital-to-Analog Converter (DAC)
Rev. 04-17 September 2007
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com