Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM311PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM311PWR
Descripción Electrónicos  DIFFERENTIAL COMPARATORS WITH STROBES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM311PWR Datasheet(HTML) 5 Page - Texas Instruments

  LM311PWR Datasheet HTML 1Page - Texas Instruments LM311PWR Datasheet HTML 2Page - Texas Instruments LM311PWR Datasheet HTML 3Page - Texas Instruments LM311PWR Datasheet HTML 4Page - Texas Instruments LM311PWR Datasheet HTML 5Page - Texas Instruments LM311PWR Datasheet HTML 6Page - Texas Instruments LM311PWR Datasheet HTML 7Page - Texas Instruments LM311PWR Datasheet HTML 8Page - Texas Instruments LM311PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM111, LM211, LM311
DIFFERENTIAL COMPARATORS WITH STROBES
SLCS007H − SEPTEMBER 1973 − REVISED AUGUST 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
LM111
LM211
LM211Q
LM311
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
V
Input offset voltage
See Note 6
25
°C
0.7
3
2
7.5
mV
VIO
Input offset voltage
See Note 6
Full range
4
10
mV
I
Input offset current
See Note 6
25
°C
4
10
6
50
nA
IIO
Input offset current
See Note 6
Full range
20
70
nA
I
Input bias current
V
1Vto14V
25
°C
75
100
100
250
nA
IIB
Input bias current
VO = 1 V to 14 V
Full range
150
300
nA
IIL(S)
Low-level
strobe current
(see Note 7)
V(strobe) = 0.3 V,
VID ≤ −10 mV
25
°C
−3
−3
mA
VICR
Common-mode
input voltage range
Full range
13
to
−14.5
13.8
to
−14.7
13
to
−14.5
13.8
to
−14.7
V
AVD
Large-signal
differential voltage
amplification
VO = 5 V to 35 V,
RL = 1 kΩ
25
°C
40
200
40
200
V/mV
High-level
I(strobe) = −3 mA,
VOH = 35 V,
25
°C
0.2
10
nA
IOH
g
(collector)
output leakage
I(strobe) = 3 mA,
VID = 5 mV
VOH = 35 V,
Full range
0.5
μA
OH
output leakage
current
VID = 5 mV,
VOH = 35 V
25
°C
0.2
50
nA
I
50 mA
VID = −5 mV
25
°C
0.75
1.5
Low-level
IOL = 50 mA
VID = −10 mV
25
°C
0.75
1.5
VOL
Low level
(collector-to-emitter)
output voltage
VCC+ = 4.5 V,
V
0
VID = −6 mV
Full range
0.23
0.4
V
output voltage
VCC− = 0,
IOL = 8 mA
VID = −10 mV
Full range
0.23
0.4
ICC+
Supply current
from VCC+,
output low
VID = −10 mV,
No load
25
°C
5.1
6
5.1
7.5
mA
ICC−
Supply current
from VCC−,
output high
VID = 10 mV,
No load
25
°C
−4.1
−5
−4.1
−5
mA
Unless otherwise noted, all characteristics are measured with BALANCE and BAL/STRB open and EMIT OUT grounded.
Full range for LM111 is −55
°C to 125°C, for LM211 is −40°C to 85°C, for LM211Q is −40°C to 125°C, and for LM311 is 0°C to 70°C.
All typical values are at TA = 25°C.
NOTES:
9. The offset voltages and offset currents given are the maximum values required to drive the collector output up to 14 V or down to
1 V with a pullup resistor of 7.5 k
Ω to VCC+. These parameters actually define an error band and take into account the worst-case
effects of voltage gain and input impedance.
10. The strobe should not be shorted to ground; it should be current driven at −3 mA to −5 mA (see Figures 13 and 27).
switching characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
LM111
LM211
LM211Q
LM311
UNIT
TYP
Response time, low-to-high-level output
R = 500
Ω to5V
C =5pF
See Note 8
115
ns
Response time, high-to-low-level output
RC = 500 Ω to 5 V,
CL = 5 pF,
See Note 8
165
ns
NOTE 11: The response time specified is for a 100-mV input step with 5-mV overdrive and is the interval between the input step function and the
instant when the output crosses 1.4 V.


Número de pieza similar - LM311PWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM311PWR TI-LM311PWR Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311PWR TI1-LM311PWR Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
LM311PWR TI1-LM311PWR Datasheet
2Mb / 38P
[Old version datasheet]   LMx11 Quad Differential Comparators
LM311PWRG4 TI1-LM311PWRG4 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
LM311PWRG4 TI1-LM311PWRG4 Datasheet
2Mb / 38P
[Old version datasheet]   LMx11 Quad Differential Comparators
More results

Descripción similar - LM311PWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM111 TI-LM111 Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM211P TI1-LM211P Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI-LP211_06 Datasheet
240Kb / 11P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI1-LP211_14 Datasheet
829Kb / 14P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com