Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6012A4PWP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6012A4PWP
Descripción Electrónicos  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6012A4PWP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA6012A4PWP Datasheet HTML 3Page - Texas Instruments TPA6012A4PWP Datasheet HTML 4Page - Texas Instruments TPA6012A4PWP Datasheet HTML 5Page - Texas Instruments TPA6012A4PWP Datasheet HTML 6Page - Texas Instruments TPA6012A4PWP Datasheet HTML 7Page - Texas Instruments TPA6012A4PWP Datasheet HTML 8Page - Texas Instruments TPA6012A4PWP Datasheet HTML 9Page - Texas Instruments TPA6012A4PWP Datasheet HTML 10Page - Texas Instruments TPA6012A4PWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TPA6012A4
www.ti.com
SLOS636 – OCTOBER 2009
Table 2. DC Volume Control (SE Mode, VDD = 5 V)
(1)
VOLUME (PIN 21)
GAIN OF AMPLIFIER
(Typ)
FROM (V)
TO (V)
0.00
0.26
–85
0.33
0.37
–46
0.44
0.48
–40
0.56
0.59
–37
0.67
0.70
–34
0.78
0.82
–31
0.89
0.93
–28
1.01
1.04
–25
1.12
1.16
–22
1.23
1.27
–19
1.35
1.38
–16
1.46
1.49
–13
1.57
1.60
–10
1.68
1.72
–8
1.79
1.83
–6(2)
1.91
1.94
–4
2.02
2.06
-2
2.13
2.17
0(2)
2.25
2.28
2
2.36
2.39
4
2.47
2.50
5
2.58
2.61
6(2)
2.70
2.73
7
2.81
2.83
8
2.92
2.95
8.5
3.04
3.06
9
3.15
3.17
9.5
3.26
3.29
10
3.38
3.40
10.5
3.49
3.51
11
3.60
3.63
11.5
3.71
5.00
12
(1)
For other values of VDD, scale the voltage values in the table by a factor of VDD/5.
(2)
Tested in production. Remaining gain steps are specified by design.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TPA6012A4


Número de pieza similar - TPA6012A4PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4 TI-TPA6010A4 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWP TI-TPA6010A4PWP Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWP TI-TPA6010A4PWP Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWPR TI-TPA6010A4PWPR Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
More results

Descripción similar - TPA6012A4PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com