Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6012A4PWP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6012A4PWP
Descripción Electrónicos  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6012A4PWP Datasheet(HTML) 3 Page - Texas Instruments

  TPA6012A4PWP Datasheet HTML 1Page - Texas Instruments TPA6012A4PWP Datasheet HTML 2Page - Texas Instruments TPA6012A4PWP Datasheet HTML 3Page - Texas Instruments TPA6012A4PWP Datasheet HTML 4Page - Texas Instruments TPA6012A4PWP Datasheet HTML 5Page - Texas Instruments TPA6012A4PWP Datasheet HTML 6Page - Texas Instruments TPA6012A4PWP Datasheet HTML 7Page - Texas Instruments TPA6012A4PWP Datasheet HTML 8Page - Texas Instruments TPA6012A4PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TPA6012A4
www.ti.com
SLOS636 – OCTOBER 2009
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VSS
Supply voltage, VDD, PVDD
4
5.5
V
SE/BTL, FADE
0.8 x VDD
V
VIH
High-level input voltage
SHUTDOWN
2
V
SE/BTL, FADE
0.6 x VDD
V
VIL
Low-level input voltage
SHUTDOWN
0.8
V
TA
Operating free-air temperature
–40
85
°C
ELECTRICAL CHARACTERISTICS
TA = 25°C, VDD = PVDD = 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5.5 V, Gain = 0 dB, SE/BTL = 0 V
2
30
mV
| VOO |
Output offset voltage (measured differentially)
VDD = 5.5 V, Gain = 18 dB, SE/BTL = 0 V
2.6
50
mV
PSRR
Power supply rejection ratio
VDD = PVDD = 4 V to 5.5 V, Gain = 0 dB
–80
dB
High-level input current (SE/BTL, FADE,
VDD = PVDD = 5.5 V,
| IIH |
1
µA
SHUTDOWN, VOLUME)
VI = VDD = PVDD
Low-level input current (SE/BTL, FADE,
| IIL |
VDD = PVDD = 5 V, VI = 0 V
1
µA
SHUTDOWN, VOLUME)
VDD = PVDD = 5 V, SE/BTL = 0 V,
6.7
9
SHUTDOWN = 2 V
IDD
Supply current, no load
mA
VDD = PVDD = 5 V, SE/BTL = 5 V,
4.5
6
SHUTDOWN = 2 V
VDD = 5 V = PVDD, SE/BTL = 0 V,
IDD
Supply current, max power into a 3-
Ω load
SHUTDOWN = 2 V, RL = 3 Ω,
1.5
ARMS
PO = 2 W, stereo
IDD(SD)
Supply current, shutdown mode
SHUTDOWN = 0 V
10
25
µA
OPERATING CHARACTERISTICS
TA = 25°C, VDD = PVDD = 5 V, RL = 3 Ω, Gain = 6 dB, Stereo (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 1%, f = 1 kHz, RL = 16 Ω (SE)
195
mW
THD = 10%, f = 1 kHz, RL = 16 Ω (SE)
235
mW
PO
Output power
THD = 1%, f = 1 kHz, RL = 3 Ω (BTL)
2.0
W
THD = 10%, f = 1 kHz, VDD = 5.5 V, RL =3 Ω (BTL)
3.2
THD+N
Total harmonic distortion + noise
PO = 0.9 W, RL = 8 Ω (BTL), f = 20 Hz to 20 kHz
<0.1%
PO = 0.1 W, RL = 16 Ω (SE), f = 20 Hz to 20 kHz
0.03%
VOH
High-level output voltage
RL = 8 Ω, Measured between output and VDD = 5.5 V
700
mV
RL = 8 Ω, Measured between output and GND,
VOL
Low-level output voltage
400
mV
VDD = 5.5 V
V(Bypass)
Bypass voltage (Nominally VDD/2)
Measured at pin 17, No load, VDD = 5.5 V
2.65
2.75
2.85
V
BTL (4
Ω)
–66
dB
Supply ripple rejection ratio
f = 1 kHz, Gain = 0 dB, C(BYP) = 1 µF
SE (32
Ω)
–60
dB
BTL
110
dB
Crosstalk
SE
102
dB
f = 20 Hz to 20 kHz, Gain = 0 dB,
Noise output voltage
BTL
36
µVRMS
C(BYP) = 1 µF
ZI
Input impedance (see Figure 20)
VOLUME = 5 V
12
k
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPA6012A4


Número de pieza similar - TPA6012A4PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4 TI-TPA6010A4 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWP TI-TPA6010A4PWP Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWP TI-TPA6010A4PWP Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWPR TI-TPA6010A4PWPR Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
More results

Descripción similar - TPA6012A4PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com