Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DMG1013T-7 Datasheet(PDF) 3 Page - Diodes Incorporated |
|
DMG1013T-7 Datasheet(HTML) 3 Page - Diodes Incorporated |
3 / 6 page DMG1013T Document number: DS31784 Rev. 4 - 2 3 of 6 www.diodes.com October 2009 © Diodes Incorporated DMG1013T 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 0.3 0.6 0.9 1.2 1.5 Fig. 3 Typical On-Resistance vs. Drain Current and Gate Voltage -I , DRAIN-SOURCE CURRENT (A) D V = -2.5V GS V = -4.5V GS V = -1.8V GS 0 0.2 0.4 0.6 0.8 1.0 0 0.3 0.6 0.9 1.2 1.5 -I , DRAIN CURRENT (A) D Fig. 4 Typical On-Resistance vs. Drain Current and Temperature T = -55°C A T = 25°C A T = 85°C A T = 125°C A T = 150°C A V = -4.5V GS Fig. 5 On-Resistance Variation with Temperature -50 -25 0 25 50 75 100 125 150 T , AMBIENT TEMPERATURE (°C) A 0.5 0.7 0.9 1.1 1.3 1.5 1.7 V = -4.5V I = -1.0A GS D V = -2.5V I = -500mA GS D 0 0.2 0.4 0.6 0.8 1.0 1.2 Fig. 6 On-Resistance Variation with Temperature -50 -25 0 25 50 75 100 125 150 T , AMBIENT TEMPERATURE (°C) A V = -4.5V I = -1.0A GS D V = -2.5V I = -500mA GS D Fig. 7 Gate Threshold Variation vs. Ambient Temperature -50 -25 0 25 50 75 100 125 150 T , AMBIENT TEMPERATURE (°C) A 0 0.4 0.8 1.2 1.6 I = -1mA D I = -250µA D 0.2 0.4 0.6 0.8 1.0 1.2 Fig. 8 Diode Forward Voltage vs. Current -V , SOURCE-DRAIN VOLTAGE (V) SD 0 2 4 6 8 10 T = 25°C A |
Número de pieza similar - DMG1013T-7 |
|
Descripción similar - DMG1013T-7 |