Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RZ-xx05S Datasheet(PDF) 1 Page - Recom International Power

No. de pieza RZ-xx05S
Descripción Electrónicos  0.5 Watt SMD Isolated Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RECOM [Recom International Power]
Página de inicio  http://www.recom-international.com
Logo RECOM - Recom International Power

RZ-xx05S Datasheet(HTML) 1 Page - Recom International Power

  RZ-xx05S Datasheet HTML 1Page - Recom International Power RZ-xx05S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECONOLINE
DC/DC-Converter
RZ
www.recom-international.com
REV:0/2010
EN-60950-1 Certified
www.recom-international.com
E-73
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Specifications (Core Operating Area)
Input Voltage Range
±5%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1% max.
Load Voltage Regulation (10% to 100% full load)
1% max.
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
50kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
50% min. / 60% typ.
No Load Power Consumption
127mW min. / 155mW typ. / 320mW max.
Maximum Capacitive Load
33µF
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
25pF min. / 75pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +70°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Reflow Temperature
ROHS compliant
245°C (30 sec) max.
Vapour Phase Process
230°C (90 sec) max.
(for more details see Application Notes)
Relative Humidity
95% RH
Package Weight
1.9g
Packing Quantity
33 pcs per tube
500 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
1632 x 103 hours
(+70°C)
using MIL-HDBK 217F
156 x 103 hours
0.5 Watt
SMD
Isolated
Single Output
Derating-Graph
(Ambient Temperature)
1kVDC Isolation
SMD Package Styles
Single Regulated Output
(Internal Linear Regulator)
UL94V-0 Package Material
Optional Continuous Short Circuit Protected
Fully Encapsulated
Efficiency to 62 %
Features
Regulated
Converter
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
70
}DetailedInformationsee
Application Notes chapter "MTBF"
Description
The RZ series DC/DC converter has been designed for isolating or converting DC power
rails where board space is at a premium. Although no larger than a standard unregulated
SMD converter, the RZ series also incorporates an internal linear regulator to deliver a
stable output voltage which makes it ideal for powering logic level or supply voltage
sensitive circuitry.
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SMD
(VDC)
(VDC)
(mA)
(%)
RZ-xx05S
5, 12, 15, 24
5
100
50
RZ-xx12S
5, 12, 15, 24
12
42
60
RZ-xx15S
5, 12, 15, 24
15
33
62
xx = Input Voltage
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
RZ-0505/P
** add suffix -R for tape & reel packing e.g.
RZ-0505-R
For more details and dimensions of the tapes and reels see Application Notes
Refer to Application Notes
RoHS
2002/95/EC
5/6


Número de pieza similar - RZ-xx05S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Recom International Pow...
RZ-XX05S RECOM-RZ-XX05S Datasheet
74Kb / 2P
   0.5 Watt SMD Isolated Single Output
More results

Descripción similar - RZ-xx05S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Recom International Pow...
RZ-0505S RECOM-RZ-0505S_06 Datasheet
81Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5Z RECOM-R0.5Z Datasheet
87Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ-XX05S RECOM-RZ-XX05S Datasheet
74Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5S-3.305 RECOM-R0.5S-3.305 Datasheet
120Kb / 8P
   0.5 Watt SMD Isolated Single or Dual Output
R0.5ZX RECOM-R0.5ZX Datasheet
388Kb / 5P
   0.5 Watt SMD Single Output
R1SE RECOM-R1SE_15 Datasheet
99Kb / 2P
   1 Watt SMD Isolated Single Output
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
R1Z RECOM-R1Z Datasheet
88Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
RSZ-3.303 RECOM-RSZ-3.303 Datasheet
89Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
RSZ RECOM-RSZ_10 Datasheet
98Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com