Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5748 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD5748
Descripción Electrónicos  Industrial Current/Voltage Output Driver with Programmable Ranges
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5748 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5748_1 Datasheet HTML 2Page - Analog Devices AD5748_1 Datasheet HTML 3Page - Analog Devices AD5748_1 Datasheet HTML 4Page - Analog Devices AD5748_1 Datasheet HTML 5Page - Analog Devices AD5748_1 Datasheet HTML 6Page - Analog Devices AD5748_1 Datasheet HTML 7Page - Analog Devices AD5748_1 Datasheet HTML 8Page - Analog Devices AD5748_1 Datasheet HTML 9Page - Analog Devices AD5748_1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD5748
Rev. A | Page 6 of 32
Parameter 1
Min
Typ
Max
Unit
Test Conditions/Comments
SDO
Output Low Voltage, VOL
0.5
0.5
V
Sinking 200 μA
Output High Voltage, VOH
DVCC − 0.5
DVCC − 0.5
V
Sourcing 200 μA
High Impedance Output
Capacitance
3
pF
High Impedance Leakage Current
−1
+1
μA
POWER REQUIREMENTS
Positive Analog Supply, AVDD
12
24
V
±10%
Negative Analog Supply, AVSS
−12
−24
V
±10%
Digital Power Supply, DVCC
Input Voltage
2.7
5.5
V
AIDD
4.4
5.6
mA
Output unloaded, output disabled,
R3, R2, R1, R0 = 0, 1, 0, 1
5.2
6.2
mA
Current output enabled
5.2
6.2
mA
Voltage output enabled
AISS
2.0
2.5
mA
Output unloaded, output disabled,
R3, R2, R1, R0 = 0, 1, 0, 1
2.5
3
mA
Current output enabled
2.5
3
mA
Voltage output enabled
DICC
0.3
1
mA
VIH = DVCC, VIL = GND
Power Dissipation
108
mW
AVDD/AVSS = ±24 V, outputs unloaded
1 Temperature range: −40°C to +105°C; typical at +25°C.
2 Specification includes gain and offset errors over temperature, and drift after 1000 hours, TA = 125°C.
3 Guaranteed by characterization, but not production tested.
4 See the Current Setting Resistor section.


Número de pieza similar - AD5748_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
   Industrial Current/Voltage Output Driver
More results

Descripción similar - AD5748_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5748 AD-AD5748 Datasheet
635Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
AD5750 AD-AD5750_09 Datasheet
713Kb / 36P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
   Industrial Current/Voltage Output Driver
AD5751 AD-AD5751 Datasheet
269Kb / 22P
   Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
Rev. PrA
AD5749 AD-AD5749 Datasheet
393Kb / 28P
   Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Analog Devices
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
   Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com