Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8629S Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD8629S
Descripción Electrónicos  Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8629S Datasheet(HTML) 5 Page - Analog Devices

  AD8629S Datasheet HTML 1Page - Analog Devices AD8629S Datasheet HTML 2Page - Analog Devices AD8629S Datasheet HTML 3Page - Analog Devices AD8629S Datasheet HTML 4Page - Analog Devices AD8629S Datasheet HTML 5Page - Analog Devices AD8629S Datasheet HTML 6Page - Analog Devices AD8629S Datasheet HTML 7Page - Analog Devices AD8629S Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD8629S
ASD0016529 Rev. C | Page 5 of 8
TABLE IB – ELECTRICAL PERFORMANCE CHARACTERISTICS (Vs = 2.7V) – Cont.
Parameter
See notes at end of table
Symbol
Conditions 1/
Unless otherwise specified
Sub-Group
Limit
Min
Limit
Max
Units
Output Voltage Low
VOL
RL = 100 kΩ to +Vs
1
2,3
5
5
mV
mV
M,D
1
5
mV
RL = 10 kΩ to +Vs
1
2,3
20
20
mV
mV
M,D
1
20
mV
Short-Circuit Limit
ISC
1
2,3
±10
±5
mA
mA
M,D
1
±10
mA
POWER SUPPLY
Total Supply Current
(Both Amps)
ISY
VO = VS/2
1
2,3
2.0
2.4
mA
mA
M,D
1
2.0
mA
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBP
2/ 3/
4
2.0
MHz
TABLE IB NOTES:
1/ +VS = 2.7V, -Vs=GND, VCM = 1.35V, TA nom = 25ºC, TA max = 125ºC, TA min = -55ºC unless otherwise noted.
2/ Guaranteed by characterization analysis – not production tested. Characterization will be repeated in conjunction with any major design changes.
3/ Parameter is not tested post irradiation
TABLE IIA – ELECTRICAL TEST REQUIREMENTS:
Table IIA
Test Requirements
Subgroups (in accordance with
MIL-PRF-38535, Table III)
Interim Electrical Parameters
1
Final Electrical Parameters
1,2,3 1/ 2/
Group A Test Requirements
1,2,3
Group C end-point electrical parameters
1,2,3 2/
Group D end-point electrical parameters
1,2,3
Group E end-point electrical parameters
1 3/
Table IIA Notes:
1/ PDA applies to subgroup 1 only. Delta's excluded from PDA.
2/ See Table IIB for delta parameters
3/ Parameters noted in Table IA, IB are not tested post irradiation.


Número de pieza similar - AD8629S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8629S AD-AD8629S Datasheet
151Kb / 9P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
AD8629S AD-AD8629S_17 Datasheet
151Kb / 9P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
More results

Descripción similar - AD8629S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8629S AD-AD8629S_17 Datasheet
151Kb / 9P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
AD8628ART AD-AD8628ART Datasheet
449Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8629 AD-AD8629 Datasheet
476Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
REV. C
AD8628 AD-AD8628_05 Datasheet
410Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. E
AD8628 AD-AD8628 Datasheet
449Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8628 AD-AD8628_08 Datasheet
432Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
AD8629-EP AD-AD8629-EP Datasheet
252Kb / 8P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. A
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com