Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si8230BB-B-IS1 Datasheet(PDF) 7 Page - Silicon Laboratories

No. de pieza Si8230BB-B-IS1
Descripción Electrónicos  0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8230BB-B-IS1 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Si8230BB-B-IS1 Datasheet HTML 3Page - Silicon Laboratories Si8230BB-B-IS1 Datasheet HTML 4Page - Silicon Laboratories Si8230BB-B-IS1 Datasheet HTML 5Page - Silicon Laboratories Si8230BB-B-IS1 Datasheet HTML 6Page - Silicon Laboratories Si8230BB-B-IS1 Datasheet HTML 7Page - Silicon Laboratories Si8230BB-B-IS1 Datasheet HTML 8Page - Silicon Laboratories Si8230BB-B-IS1 Datasheet HTML 9Page - Silicon Laboratories Si8230BB-B-IS1 Datasheet HTML 10Page - Silicon Laboratories Si8230BB-B-IS1 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Si823x
Rev. 0.3
7
VDDI Undervoltage Threshold
VDDIUV+
VDDI rising
3.60
4.0
4.45
V
VDDI Undervoltage Threshold
VDDIUV–
VDDI falling
3.30
3.70
4.15
V
VDDI Lockout Hysteresis
VDDIHYS
—250
mV
VDDA, VDDB Undervoltage
Threshold
VDDAUV+,
VDDBUV+
VDDA, VDDB rising
5 V threshold
See Figure 36 on page 25.
5.20
5.80
6.30
V
8 V threshold
See Figure 37 on page 25.
7.50
8.60
9.40
V
10 V threshold
See Figure 38 on page 25.
9.60
11.1
12.2
V
12.5 V threshold
See Figure 39 on page 25.
12.4
13.8
14.8
V
VDDA, VDDB Undervoltage
Threshold
VDDAUV–,
VDDBUV–
VDDA, VDDB falling
5 V threshold
See Figure 36 on page 25.
4.90
5.52
6.0
V
8 V threshold
See Figure 37 on page 25.
7.20
8.10
8.70
V
10 V threshold
See Figure 38 on page 25.
9.40
10.1
10.9
V
12.5 V threshold
See Figure 39 on page 25.
11.6
12.8
13.8
V
VDDA, VDDB
Lockout hysteresis
VDDAHYS,
VDDBHYS
UVLO voltage = 5 V
280
mV
VDDA, VDDB
Lockout hysteresis
VDDAHYS,
VDDBHYS
UVLO voltage = 8 V
600
mV
VDDA, VDDB
Lockout hysteresis
VDDAHYS,
VDDBHYS
UVLO voltage = 10 V or 12.5 V
1000
mV
AC Specifications
Minimum Pulse Width
10
ns
Propagation Delay
tPHL, tPLH
CL = 200 pF
30
60
ns
Pulse Width Distortion
|tPLH - tPHL|
PWD
5.60
ns
Minimum Overlap Time2
TDD
DT = VDDI, No-Connect
0.4
ns
Programmed Dead Time3
DT
Figure 41, RDT = 100 k
900
ns
Figure 41, RDT = 6 k
70
ns
Output Rise and Fall Time
tR,tF
CL = 200 pF (Si8230/1/2)
12
ns
CL = 200 pF (Si8233/4/5/6)
20
ns
Table 1. Electrical Characteristics1 (Continued)
4.5 V < VDDI < 5.5 V, VDDA = VDDB = 12 V or 15 V. TA = –40 to +125 °C. Typical specs at 25 °C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Notes:
1. VDDA = VDDB = 12 V for 5, 8, and 10 V UVLO devices; VDDA = VDDB = 15 V for 12.5 V UVLO devices.
2. TDD is the minimum overlap time without triggering overlap protection (Si8230/1/3/4 only).
3. The largest RDT resistor that can be used is 220 k
.


Número de pieza similar - Si8230BB-B-IS1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI8230BB-AS SKYWORKS-SI8230BB-AS Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
Si8230BB-AS1 SILABS-Si8230BB-AS1 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
Skyworks Solutions Inc.
SI8230BB-AS1 SKYWORKS-SI8230BB-AS1 Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
Si8230BB-D-IS SILABS-Si8230BB-D-IS Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI8230BB-D-IS SILABS-SI8230BB-D-IS Datasheet
994Kb / 59P
   Amp ISOdrivers
More results

Descripción similar - Si8230BB-B-IS1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
SI8281 SILABS-SI8281 Datasheet
954Kb / 43P
   4.0 Amp ISODrivers with Integrated DC-DC Converters
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com