Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA3663AT Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza TDA3663AT
Descripción Electrónicos  Very low dropout voltage/quiescent current 3.3 V voltage regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA3663AT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA3663AT Datasheet HTML 5Page - NXP Semiconductors TDA3663AT Datasheet HTML 6Page - NXP Semiconductors TDA3663AT Datasheet HTML 7Page - NXP Semiconductors TDA3663AT Datasheet HTML 8Page - NXP Semiconductors TDA3663AT Datasheet HTML 9Page - NXP Semiconductors TDA3663AT Datasheet HTML 10Page - NXP Semiconductors TDA3663AT Datasheet HTML 11Page - NXP Semiconductors TDA3663AT Datasheet HTML 12Page - NXP Semiconductors TDA3663AT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TDA3663_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 26 June 2007
9 of 15
NXP Semiconductors
TDA3663
Very low dropout voltage/quiescent current 3.3 V voltage regulator
(1) Iq at 50 mA load.
(2) Iq at 10 mA load.
Fig 9.
Quiescent current as a function of the junction
temperature
Fig 10. Quiescent current as a function of the output
current
IREG = 0 mA.
Fig 11. Output voltage thermal protection as a function
of the junction temperature
Fig 12. Dropout voltage as a function of the output
current
−40
0
(1)
(2)
160
2
1.5
0.5
0
1
40
80
Tj (°C)
Iq
(mA)
120
mda951
0
20
100
4
3
1
0
2
40
60
IREG (mA)
Iq
(mA)
80
mda952
−50
200
4
0
1
3
2
050
Tj (°C)
VREG
(V)
100
150
mgs695
040
IREG (mA)
VREG(drop)
(mV)
80
120
500
400
200
100
300
mda957


Número de pieza similar - TDA3663AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3663AT PHILIPS-TDA3663AT Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
More results

Descripción similar - TDA3663AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
logo
STMicroelectronics
ST2L05 STMICROELECTRONICS-ST2L05 Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com