Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA1308TT Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TDA1308TT
Descripción Electrónicos  Class-AB stereo headphone driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1308TT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1308TT Datasheet HTML 3Page - NXP Semiconductors TDA1308TT Datasheet HTML 4Page - NXP Semiconductors TDA1308TT Datasheet HTML 5Page - NXP Semiconductors TDA1308TT Datasheet HTML 6Page - NXP Semiconductors TDA1308TT Datasheet HTML 7Page - NXP Semiconductors TDA1308TT Datasheet HTML 8Page - NXP Semiconductors TDA1308TT Datasheet HTML 9Page - NXP Semiconductors TDA1308TT Datasheet HTML 10Page - NXP Semiconductors TDA1308TT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TDA1308_A_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 25 January 2007
7 of 19
NXP Semiconductors
TDA1308; TDA1308A
Class-AB stereo headphone driver
[1]
Values are proportional to VDD; (THD + N)/S < 0.1 %.
[2]
VDD =5V; VO(p-p) = 3.5 V (at 0 dB).
[3]
VDD = 2.4 V; VO(p-p) = 1.19 V (at −7.96 dBV); for TDA1308A only.
11. Application information
Ci
input capacitance
-
3
-
pF
SR
slew rate
unity gain inverting
-
5
-
V/
µs
B
bandwidth
unity gain inverting
-
20
-
kHz
Table 7.
Characteristics …continued
VDD =5V; VSS =0V; Tamb =25 °C; fi = 1 kHz; RL =32 Ω; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Example of application with TDA1545A (stereo continuous calibration DAC)
mka783
1
2
3
5
6
74
8
R5
10 k
R6
10 k
C3
1
µF
R1
22 k
C8
C7
R4
C4
R3
C5
1 nF
R2
BCK
WS
DATA
VDD
Vref
5
4
1
2
3
6
7
8
3.9 k
33 k
C2
10
µF
C1
100 nF
3.9 k
1 nF
100
µF
100
µF
C6
100
µF
TDA1308(A)
TDA1545A


Número de pieza similar - TDA1308TT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1308TT PHILIPS-TDA1308TT Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
More results

Descripción similar - TDA1308TT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
   CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
   Class-AB stereo headphone driver
Rev. 5-14 March 2011
logo
Unisonic Technologies
PA2308 UTC-PA2308 Datasheet
245Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER
PA2308 UTC-PA2308_15 Datasheet
248Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com