Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA6650TT Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza TDA6650TT
Descripción Electrónicos  5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA6650TT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA6650TT Datasheet HTML 5Page - NXP Semiconductors TDA6650TT Datasheet HTML 6Page - NXP Semiconductors TDA6650TT Datasheet HTML 7Page - NXP Semiconductors TDA6650TT Datasheet HTML 8Page - NXP Semiconductors TDA6650TT Datasheet HTML 9Page - NXP Semiconductors TDA6650TT Datasheet HTML 10Page - NXP Semiconductors TDA6650TT Datasheet HTML 11Page - NXP Semiconductors TDA6650TT Datasheet HTML 12Page - NXP Semiconductors TDA6650TT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
TDA6650TT_6651TT_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 10 January 2007
9 of 54
NXP Semiconductors
TDA6650TT; TDA6651TT
5 V mixer/oscillator and low noise PLL synthesizer
[1]
MSB is transmitted first.
Fig 4.
Example of I2C-bus transmission frame
ADDRESS
BYTE
DIVIDER
BYTE 1
START
ADDRESS
BYTE
I2C-bus transmission
dedicated to
another IC
I2C-bus transmission dedicated to
the MOPLL
START
50
µs
DIVIDER
BYTE 2
CONTROL
BYTE 1
CONTROL
BYTE 2
CONTROL
BYTE 1
CONTROL
BYTE 2
STOP
fce921
Table 6.
I2C-bus write data format
Name
Byte
Bit
Ack
MSB[1]
LSB
Address byte
111000MA1
MA0
R/W=0 A
Divider byte 1 (DB1)
2
0
N14
N13
N12
N11
N10
N9
N8
A
Divider byte 2 (DB2)
3
N7
N6
N5
N4
N3
N2
N1
N0
A
Control byte 1 (CB1);
see Table 7
4
1
T/A = 1
T2
T1
T0
R2
R1
R0
A
1
T/A = 0
0
0
ATC
AL2
AL1
AL0
A
Control byte 2 (CB2)
5
CP2
CP1
CP0
BS5
BS4
BS3
BS2
BS1
A
Table 7.
Description of write data format bits
Bit
Description
A
acknowledge
MA1 and MA0
programmable address bits; see Table 8
R/W
logic 0 for write mode
N14 to N0
programmable LO frequency;
N = N14
× 214 + N13 × 213 + N12 × 212 +...+N1 × 21 +N0
T/A
test/AGC bit
T/A = 0: the next 6 bits sent are AGC settings
T/A = 1: the next 6 bits sent are test and reference divider ratio settings
T2, T1 and T0
test bits; see Table 9
R2, R1 and R0
reference divider ratio and programmable frequency step; see Table 10
ATC
AGC current setting and time constant; capacitor on pin AGC = 150 nF
ATC = 0: AGC current = 220 nA; AGC time constant=2s
ATC = 1: AGC current = 9
µA; AGC time constant = 50 ms
AL2, AL1 and AL0
AGC take-over point bits; see Table 11
CP2, CP1 and CP0
charge pump current; see Table 12
BS5, BS4, BS3, BS2
and BS1
PMOS ports control bits
BSn = 0: corresponding port is off, high-impedance state (status at
power-on reset)
BSn = 1: corresponding port is on; VO =VCC − VDS(sat)


Número de pieza similar - TDA6650TT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
More results

Descripción similar - TDA6650TT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
TDA18272HN NXP-TDA18272HN Datasheet
206Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-11 August 2010
TDA6508 PHILIPS-TDA6508 Datasheet
274Kb / 42P
   3-band mixer/oscillator and PLL for terrestrial tuners
2005 Mar 25
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
NXP Semiconductors
TDA6500 PHILIPS-TDA6500 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com