Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1521T Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza TEA1521T
Descripción Electrónicos  SMPS ICs for low-power systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1521T Datasheet(HTML) 4 Page - NXP Semiconductors

  TEA1521T Datasheet HTML 1Page - NXP Semiconductors TEA1521T Datasheet HTML 2Page - NXP Semiconductors TEA1521T Datasheet HTML 3Page - NXP Semiconductors TEA1521T Datasheet HTML 4Page - NXP Semiconductors TEA1521T Datasheet HTML 5Page - NXP Semiconductors TEA1521T Datasheet HTML 6Page - NXP Semiconductors TEA1521T Datasheet HTML 7Page - NXP Semiconductors TEA1521T Datasheet HTML 8Page - NXP Semiconductors TEA1521T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TEA152X_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 23 March 2009
4 of 17
NXP Semiconductors
TEA152x
SMPS ICs for low-power systems
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration DIP8
Fig 3.
Pin configuration SO14
TEA152xP
VCC
DRAIN
GND
n.c.
RC
SOURCE
REG
AUX
001aae137
1
2
3
4
6
5
8
7
TEA152xT
VCC
DRAIN
GND
n.c.
GND
n.c.
GND
SOURCE
GND
GND
RC
GND
REG
AUX
001aae138
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 3.
Pin description
Symbol
Pin
Description
DIP8
SO14
VCC
1
1
supply voltage
GND
2
2
ground
GND
-
3
ground
GND
-
4
ground
GND
-
5
ground
RC
3
6
frequency setting
REG
4
7
regulation input
AUX
5
8
input for voltage from auxiliary winding for timing
(demagnetization)
GND
-
9
ground
GND
-
10
ground
SOURCE
6
11
source of internal MOS switch
n.c.
7
12
not connected
n.c.
-
13
not connected
DRAIN
8
14
drain of internal MOS switch; input for start-up current and
valley sensing


Número de pieza similar - TEA1521T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1521T NXP-TEA1521T Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA1521T PHILIPS-TEA1521T Datasheet
462Kb / 20P
   SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Rev. 04-14 September 2010
TEA1521T PHILIPS-TEA1521T Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA1521T/N2 NXP-TEA1521T/N2 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
More results

Descripción similar - TEA1521T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA152X NXP-TEA152X_10 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA1523P-N2112 PHILIPS-TEA1523P-N2112 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Rev. 04-14 September 2010
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com