Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ619 Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza 2SJ619
Descripción Electrónicos  Switching Regulator and DC-DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ619 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SJ619_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ619_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ619_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ619_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ619_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ619_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ619
2009-09-29
4
Case temperature
Tc (°C)
RDS (ON) − Tc
Drain-source voltage VDS (V)
IDR − VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Case temperature Tc (°C)
Vth − Tc
Case temperature
Tc (°C)
PD − Tc
Total gate charge Qg (nC)
Dynamic input/output characteristics
−0.3
−30
−0.5
−3
−10
−5
−1.0
Common source
Tc
= 25°C
pulse test
−3
VGS = −10 V
−5
−1
−2
0, 1
0
0.2
0.4
0.6
0.8
1.0
0
0.5
0.1
0.3
0.2
0.4
Common source
pulse test
ID = −8 V
−4
−8
−2
−2, 4
VGS = −4 V
VGS = −10
−80
−40
0
40
80
160
120
100
300
1000
−1
−0.1
−100
−10
Ciss
Coss
Crss
Common source
VGS
= 0 V
f
= 1 MHz
Tc
= 25°C
10
30
500
3000
−0.3
−3
−30
5000
50
100
20
40
80
0
0
80
120
200
40
160
60
−100
−20
−60
−40
−80
0
0
Common source
ID = −16 A
Tc
= 25°C
pulse test
−40
VDD = −80 V
VGS
VDS
−20
−4
−12
−8
−16
0
−20
20
40
60
80
100
0
40
80
120
160
−1
−3
−2
−4
0
−80
−40
Common source
VDS = −10 V
ID = −1 mA
pulse test


Número de pieza similar - 2SJ619_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SJ619 TOSHIBA-2SJ619_06 Datasheet
188Kb / 6P
   Silicon P Channel MOS Type Switching Regulator and DC-DC Converter Applications
More results

Descripción similar - 2SJ619_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3499 TOSHIBA-2SK3499 Datasheet
224Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK4021 TOSHIBA-2SK4021 Datasheet
271Kb / 6P
   Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SJ620 TOSHIBA-2SJ620_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_10 Datasheet
207Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_10 Datasheet
238Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_10 Datasheet
204Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com