Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KAWS-1215 Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

No. de pieza KAWS-1215
Descripción Electrónicos  DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Página de inicio  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

KAWS-1215 Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

  KAWS-1215 Datasheet HTML 1Page - Power Systems GmbH+Co.KG KAWS-1215 Datasheet HTML 2Page - Power Systems GmbH+Co.KG KAWS-1215 Datasheet HTML 3Page - Power Systems GmbH+Co.KG KAWS-1215 Datasheet HTML 4Page - Power Systems GmbH+Co.KG KAWS-1215 Datasheet HTML 5Page - Power Systems GmbH+Co.KG KAWS-1215 Datasheet HTML 6Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.Power-Systems.de
Page: 1 / 6
Version: 4-Oct-02
KAW Series ( 30 W WIDE INPUT RANGE DC-DC CONVERTER )
DC-DC Converter UNIT
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Setpoint Accuracy
+/-2% max
Input Voltage Range
2:1 INPUT RANGE
Temperature Coefficient
+/-0.03%/ OC
Input Filter
Pi Network
Ripple & Noise (20MHz
BW)
100mVp-p max
Line Regulation
1
+/-0.2% max
Load Regulation
2
+/-0.2% max
GENERAL SPECIFICATIONS
Short Circuit Protection
Continuous
Efficiency
75% min
OverVoltage Protection
Built-in
Transient Response(Full to 1/2 Load)
<500uSe
c
External Trim Adj. Range
+/-10%
Isolation Voltage
3
1000 VDC min
ENVIRONMENTAL SPECIFICATIONS
Isolation Resistance
109 ohms min
Operating Temperature
-25 OC to +71 OC
Switching Frequency
100 KHz min
Storage Temperature
-55 OC to +100 OC
MTBF
700,000 Hours
Cooling
Free-Air Convection
Weight
110g Typ
Case Material
Six-Side Shielded Case
Case Size
50.8mm*50.8mm*21mm
ALL SPECIFICATIONS TYPICAL AT NOMINAL
LINE, FULL LOAD , AND 25 OC UNLESS
OTHERWISE NOTED.
1 High Line to Low Line.
2 Load Regulation is for output load current change from 10% to 100%.
3 For 10 seconds
FEATURES
SIX-SIDE SHIELDED CASE
9-18V,18-36V,36-72V WIDE INPUT
RANGE
SHORT CIRCUIT PROTECTION
REMOTE ON/OFF AND TRIM
NO EXTERNAL COMPONENTS
REQUIRED
TYPICAL EFFICIENCY 80%
100% BURNED IN
INDUSTRY STANDARD PACKAGE
MTBF > 700,000 HOURS


Número de pieza similar - KAWS-1215

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIWELL Electronics Co.,...
KAW DIWELL-KAW Datasheet
556Kb / 8P
   30W WIDE INPUT RANGE
2013/06/27
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
   30W WIDE INPUT RANGE
2016/08/24
logo
Guangdong Kexin Industr...
KAW56 KEXIN-KAW56 Datasheet
41Kb / 1P
   Dual Surface Mount Switching Diode
KAW567DW KEXIN-KAW567DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
KAW56DW KEXIN-KAW56DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
More results

Descripción similar - KAWS-1215

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
   DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com