|
| 1N4148 |
|
||
|
ZOWIE |
|
2 page
RATINGS AND CHARACTERISTIC CURVES OF 1N4148 Zowie Technology Corporation REV. : 0 FIG.1 - FORWARD VOLTAGE VS. JUNCTION TEMPERATURE FIG.3 - REVERSSE CURRENT VS. REVERSE VOLTAGE FIG.2 - FORWARD CURRENT VS. FORWARD VOLTAGE TJ = 25 oC TJ = 25 oC TJ = 25 oC IF = 100mA IF = 1mA IF = 0.1mA VR ± FORWARD VOLTAGE ( V ) TJ - JUNCTION TEMPERATURE o C VF - FORWARD VOLTAGE ( V ) -30 0 30 60 90 0 0.2 0.4 0.6 0.8 1.2 120 1.0 0 0.4 0.8 1.2 1.6 0.1 1 10 100 1000 2.0 Scattering Limit Scattering Limit 1 0 1 10 100 1000 100 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| CD4148WT-0603 | Small-Signal Chip Diode | 1 2 3 | List of Unclassifed Manufacturers |
| GSD2004WS | High-Voltage Small-Signal Switching Diode | 1 2 | Vishay Siliconix |
| JF1033 | SMALL-SIGNAL TRANSISTOR FETs AND DIODE | 1 | Motorola, Inc |
| MMBD6050 | Small-Signal Switching Diode | 1 2 3 | Micro Commercial Components |
| 1N4148 | SMALL-SIGNAL SWITCHING DIODE | 1 2 3 | Jinan Gude Electronic Device |
| BAS16 | Surface Mount Silicon Planar Small-Signal Diode | 1 2 | Diotec Semiconductor |
| BAS19 | Surface Mount Silicon Planar Small-Signal Diode | 1 2 | Diotec Semiconductor |
| LSD2004LT1 | Small-Signal Switching Diode | 1 2 | Leshan Radio Company |
| LSD2004SLT1 | Dual In-Series Small-Signal Switching Diode | 1 2 | Leshan Radio Company |
| GSD2004A | Dual Common-Anode Small-Signal High-Voltage Switching Diode | 1 2 3 4 | Vishay Siliconix |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |