Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3444 Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza 2SK3444
Descripción Electrónicos  Switching Regulator, DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3444 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3444 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3444 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3444 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3444 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3444 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3444 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3444
2009-09-29
2
Marking
Electrical Characteristics (Note 5) (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
μA
Drain cut-off current
IDSS
VDS = 200 V, VGS = 0 V
100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
200
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
3.0
5.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 12.5 A
65
82
m
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 12.5 A
5
10
S
Input capacitance
Ciss
2080
Reverse transfer capacitance
Crss
280
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
1060
pF
Rise time
tr
20
Turn-on time
ton
40
Fall time
tf
10
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 μs
40
ns
Total gate charge
(gate-source plus gate-drain)
Qg
44
Gate-source charge
Qgs
21
Gate-drain (“miller”) charge
Qgd
VDD ∼− 160 V, VGS = 10 V,
ID = 25 A
23
nC
Note 5: Connect the S1 pin and S2 pin together, and ground them except during switching time measurement.
Source-Drain Diode Ratings and Characteristics (Note 6) (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1, Note 6)
IDR1
25
A
Pulse drain reverse current
(Note 1, Note 6)
IDRP1
100
A
Continuous drain reverse current
(Note 1, Note 6)
IDR2
1
A
Pulse drain reverse current
(Note 1, Note 6)
IDRP2
4
A
Forward voltage (diode)
VDS2F
IDR1 = 25 A, VGS = 0 V
−1.5
V
Reverse recovery time
trr
290
ns
Reverse recovery charge
Qrr
IDR = 25 A, VGS = 0 V,
dIDR/dt = 100 A/μs
2.2
μC
Note 6: IDR1, IDRP1: Current flowing between the drain and the S2 pin. Ensure that the S1 pin is left open.
IDR2, IDRP2: Current flowing between the drain and the S1 pin. Ensure that the S2 pin is left open.
Unless otherwise specified, connect the S1 and S2 pins together, and ground them.
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
K3444
Lot No.
Note 4
Part No. (or abbreviation code)
VDD ∼− 100 V
0 V
VGS
10 V
ID = 12.5 A
VOUT


Número de pieza similar - 2SK3444

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK3444 TOSHIBA-2SK3444 Datasheet
202Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3444 TOSHIBA-2SK3444 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3444 TOSHIBA-2SK3444_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
More results

Descripción similar - 2SK3444

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK3302 TOSHIBA-2SK3302 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_09 Datasheet
189Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3538 TOSHIBA-2SK3538 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_09 Datasheet
188Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3398 TOSHIBA-2SK3398 Datasheet
217Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_10 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471_10 Datasheet
149Kb / 3P
   Switching Regulator and DC-DC Converter Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
222Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3236 TOSHIBA-2SK3236_09 Datasheet
182Kb / 6P
   Switching Regulator Applications, DC-DC Converter and
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com