Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT54RCLT1 Datasheet(PDF) 2 Page - Zowie Technology Corporation

No. de pieza BAT54RCLT1
Descripción Electrónicos  SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZOWIE [Zowie Technology Corporation]
Página de inicio  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAT54RCLT1 Datasheet(HTML) 2 Page - Zowie Technology Corporation

  BAT54RCLT1 Datasheet HTML 1Page - Zowie Technology Corporation BAT54RCLT1 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Zowie Technology Corporation
REV. : 0
Zowie Technology Corporation
BAT54RCLT1
Notes: 1. A 2.0k
variable resistor adjusted for a Forward Current (IF) of 10mA.
2. Input pulse is adjusted so IR(peak) is equal to 10mA.
3. tp » trr
+10 V
2 k
820
0.1uF
D.U.T.
VR
100uH
0.1uF
50
OUTPUT
PULSE
GENERATOR
50
INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
T
10%
90%
IF
IR
trr
T
iR(REC) = 1mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1mA
IF
INPUT SIGNAL
FIGURE 1. RECOVERY TIME EQUIVALENT TEST CIRCUIT
100
0.0
0.1
VF, FORWARD VOLTAGE ( VOLTS )
0.2
0.3
0.4
0.5
10
1.0
0.1
10
0
5
VR, REVERSE VOLTAGE ( VOLTS )
1.0
0.1
0.01
0.001
15
10
20
25
14
0
5
VR, REVERSE VOLTAGE ( VOLTS )
12
4
2
0
15
10
30
FIGURE 2. FORWARD VOLTAGE
FIGURE 3. LEAKAGE CURRENT
FIGURE 4. TOTAL CAPACITANCE
TA=150
o C
TA=125
oC
TA=85
oC
TA=25
oC
0.6
55
oC
125
oC
85
oC
100
1000
30
25
20
6
8
10


Número de pieza similar - BAT54RCLT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
BAT54RCLT1 LRC-BAT54RCLT1 Datasheet
40Kb / 1P
   Schottky Barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results

Descripción similar - BAT54RCLT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com