Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3566 Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza 2SK3566
Descripción Electrónicos  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3566 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3566_10 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3566_10 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3566_10 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3566_10 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3566_10 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3566_10 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3566
2010-05-06
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
μA
Gate-source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
V
Drain cut-off current
IDSS
VDS = 720 V, VGS = 0 V
100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
900
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain-source ON-resistance
RDS (ON)
VGS = 10 V, ID = 1.5 A
5.6
6.4
Ω
Forward transfer admittance
⎪Yfs
VDS = 20 V, ID = 1.5 A
1.0
2.0
S
Input capacitance
Ciss
470
Reverse transfer capacitance
Crss
10
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
50
pF
Rise time
tr
20
Turn-on time
ton
60
Fall time
tf
30
Switching time
Turn-off time
toff
100
ns
Total gate charge
Qg
12
Gate-source charge
Qgs
7
Gate-drain charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID =2.5 A
5
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
2.5
A
Pulse drain reverse current
(Note 1)
IDRP
7.5
A
Forward voltage (diode)
VDSF
IDR = 2.5 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
720
ns
Reverse recovery charge
Qrr
IDR = 2.5 A, VGS = 0 V,
dIDR/dt = 100 A/μs
3.6
μC
Marking
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
Lot No.
Note 4
K3566
Part No. (or abbreviation code)
RL =
133
Ω
0 V
10 V
VGS
VDD ≈ 200 V
ID = 1.5 A VOUT
50
Ω
Duty
≤ 1%, tw = 10 μs


Número de pieza similar - 2SK3566_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SK3566 HITACHI-2SK3566 Datasheet
252Kb / 6P
   Switching Regulator Applications
logo
Toshiba Semiconductor
2SK3566 TOSHIBA-2SK3566 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
logo
Inchange Semiconductor ...
2SK3566 ISC-2SK3566 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3566 TOSHIBA-2SK3566 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Descripción similar - 2SK3566_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com