Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA-0271 Datasheet(PDF) 4 Page - Power Systems GmbH+Co.KG

No. de pieza CXA-0271
Descripción Electrónicos  DC-AC INVERTER UNIT 6W DOUBLE OUTPUT WITH DIMMING FUNCTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Página de inicio  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-0271 Datasheet(HTML) 4 Page - Power Systems GmbH+Co.KG

  CXA-0271 Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-0271 Datasheet HTML 2Page - Power Systems GmbH+Co.KG CXA-0271 Datasheet HTML 3Page - Power Systems GmbH+Co.KG CXA-0271 Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CXA-0271 (6W DOUBLE OUTPUT WITH DIMMING FUNCTION)
DC-AC INVERTER UNIT
(PRELIMINARY INFORMATION)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Emai:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 4 / 4 )
VER, 01 October 2003
Note 1.
For circuit connection, please prefer to test circuit diagram.
Note 2.
Please use minimum of 2mm clearance (all directions) between inverter high voltage area and any
conductors. Please refer to mechanical drawing for marking of high voltage area.
Note 3.
Open voltage (strike voltage) is measured across the transformer secondary winding at no load as the
reading at the output connector would be less than the actual value.
Note 4.
If the start voltage falls below Cold Cathode Tube strike voltage, the CCFL will not light up easily
specially at lower ambient temperature. Please review mounting instruction to avoid any abnormal
operation due to coupling/leakage capacitance of inverter high voltage area to any surrounding
conductor.
Note 5.
Please check your lamp characteristic for minimum operational current and set the limit point in your
design to avoid flickering and/or abnormal operation.
Note 6.
For proper operation of circuit protection (FUSE or IC PROTECTOR), please use minimum of 2A
capacity for input power supply.
Note 7.
The warning signal: 5V in abnormal circumstances.
Note 8.
The brightness of the lamp changes at the change and this level, too, when the direction cjanges the
input voltage lower than 12V of the standard.
Note 10.
In test circuit, if one of the switches CN2 or CN3 opens, then the warning signal will be activated (+5V).


Número de pieza similar - CXA-0271

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
CXA-0271 TDK-CXA-0271 Datasheet
44Kb / 2P
   DC-AC INVERTER UNIT
More results

Descripción similar - CXA-0271

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Systems GmbH+Co.K...
CXA-P1212B-WJL POWER-SYSTEMS-CXA-P1212B-WJL Datasheet
112Kb / 4P
   DC-AC INVERTER UNIT 8W DOUBLE OUTPUT WITH DIMMING FUNCTION
CXA-P1612-WJL POWER-SYSTEMS-CXA-P1612-WJL Datasheet
171Kb / 2P
   DC-AC INVERTER UNIT 9W DOUBLE OUTPUT WITH DIMMING FUNCTION
CXA-P1212A-WJL POWER-SYSTEMS-CXA-P1212A-WJL Datasheet
57Kb / 2P
   DC-AC INVERTER UNIT 8W DOUBLE OUTPUTS WITH DIMMING FUNCTION
CXA-L0605-VSL POWER-SYSTEMS-CXA-L0605-VSL Datasheet
47Kb / 2P
   DC-AC INVERTER UNIT 4W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0624-VJL POWER-SYSTEMS-CXA-L0624-VJL Datasheet
152Kb / 4P
   DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A POWER-SYSTEMS-CXA-L0612A Datasheet
83Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A-VML POWER-SYSTEMS-CXA-L0612A-VML Datasheet
34Kb / 2P
   DC-AC INVERTER UNIT 5W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-0283 POWER-SYSTEMS-CXA-0283 Datasheet
174Kb / 4P
   DC-AC INVERTER UNIT 15W QUAD OUTPUT WITH DIMMING FUNCTION
PS-L0612A-177 POWER-SYSTEMS-PS-L0612A-177 Datasheet
251Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0605-VJL POWER-SYSTEMS-CXA-L0605-VJL Datasheet
61Kb / 4P
   DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com