Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3568 Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza 2SK3568
Descripción Electrónicos  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3568 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK3568_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3568_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3568_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3568_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3568_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3568_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK3568
2009-09-29
5
0.01
10
μ
0.1
1
10
100
μ
1m
10m
100m
1
10
0.2
0.1
0.05
0.02
0.01
0.001
0.01
1
1
10
100
10
1000
100
100
μs *
1 ms *
CHANNEL TEMPERATURE (INITIAL)
Tch (°C)
rth – tw
PULSE WIDTH tw (s)
T
PDM
t
Duty
= t/T
Rth (ch-c) = 3.125°C/W
Duty=0.5
SINGLE PULSE
−15 V
15 V
TEST CIRCUIT
WAVE FORM
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 90 V, L = 4.3mH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
DRAIN-SOURCE VOLTAGE VDS (V)
SAFE OPERATING AREA
* SINGLE NONREPETITIVE PULSE
Tc = 25°C
CURVES
MUST
BE
DERATED
LINEARLY
WITH
INCREASE
IN
TEMPERATURE.
ID max (PULSED) *
ID max (CONTINUOUS) *
DC OPERATION
Tc
= 25°C
VDSS max
EAS – Tch
500
400
300
200
100
0
25
50
75
100
125
150


Número de pieza similar - 2SK3568_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK3568 TOSHIBA-2SK3568 Datasheet
244Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
logo
Inchange Semiconductor ...
2SK3568 ISC-2SK3568 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3568 TOSHIBA-2SK3568 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Descripción similar - 2SK3568_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com