Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPCA8016-H Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TPCA8016-H
Descripción Electrónicos  High-Efficiency DC竊뢈C Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8016-H Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TPCA8016-H_06 Datasheet HTML 1Page - Toshiba Semiconductor TPCA8016-H_06 Datasheet HTML 2Page - Toshiba Semiconductor TPCA8016-H_06 Datasheet HTML 3Page - Toshiba Semiconductor TPCA8016-H_06 Datasheet HTML 4Page - Toshiba Semiconductor TPCA8016-H_06 Datasheet HTML 5Page - Toshiba Semiconductor TPCA8016-H_06 Datasheet HTML 6Page - Toshiba Semiconductor TPCA8016-H_06 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPCA8016-H
2006-11-17
6
rth – tw
Pulse width
tw (s)
1
0.001
10
100
1000
0.01
0.1
1
10
100
1000
Single - pulse
(2)
(1)
(3)
0.1
ID max (Pulse) *
ID max (Continuous)
*
Single - pulse
Tc
= 25°C
Curves must be derated linearly
with increase in temperature.
(1)
Device mounted on a glass-epoxy board
(a) (Note 2a)
(2)
Device mounted on a glass-epoxy board
(b) (Note 2b)
(3)
Tc = 25°C
Safe operating area
Drain-source voltage
VDS (V)
0.1
100
1
10
100
VDSS max
10
0.01
1
10 ms *
0.1
t
= 1 ms *
3
2
0
0
40
80
120
1.5
2.5
160
1
0.5
(1)
(2)
Case temperature
Tc
(°C)
PD – Tc
50
40
30
20
10
0
0
40
80
120
160
Ambient temperature
Ta
(°C)
PD – Ta
(1) Device mounted on a glass-epoxy board
(a) (Note 2a)
(2) Device mounted on a glass-epoxy board
(b) (Note 2b)
t =10s
DC Operation
Tc
= 25°C


Número de pieza similar - TPCA8016-H_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPCA8016-H TOSHIBA-TPCA8016-H Datasheet
161Kb / 4P
   High-Speed and High-Efficiency DC-DC Converters Notebook PC Applications Portable Equipment Applications
logo
VBsemi Electronics Co.,...
TPCA8016-H VBSEMI-TPCA8016-H Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Descripción similar - TPCA8016-H_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPCA8014-H TOSHIBA-TPCA8014-H_06 Datasheet
338Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8004-H TOSHIBA-TPCA8004-H_06 Datasheet
462Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8015-H TOSHIBA-TPCA8015-H Datasheet
306Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8011-H TOSHIBA-TPCA8011-H Datasheet
441Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8116-H TOSHIBA-TPC8116-H Datasheet
285Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8213-H TOSHIBA-TPC8213-H Datasheet
324Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8005-H TOSHIBA-TPCA8005-H_06 Datasheet
445Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8021-H TOSHIBA-TPCA8021-H Datasheet
303Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8020-H TOSHIBA-TPCA8020-H Datasheet
415Kb / 7P
   Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII) High-Efficiency DC竊뢈C Converter Applications
logo
Rohm
BD9123MUV ROHM-BD9123MUV Datasheet
140Kb / 5P
   1ch DC竊뢈C Converter IC built in synchronous rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com