Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPC8213-H Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TPC8213-H
Descripción Electrónicos  High-Efficiency DC竊뢈C Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8213-H Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC8213-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8213-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8213-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8213-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8213-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8213-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8213-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPC8213-H
2006-11-17
4
16
12
8
4
0
20
3.25
0
2
VGS = 2.5V
2.75
5
6
10
4.5
4
3
1
8
3.75
3.5
5
3
Ta
= −55°C
25
100
Common source
VDS = 10 V
Pulse test
3
2.75
VGS = 2.5V
3.25
3.5
3.75
4.5
5
10
6
8
Common source Ta =25°C
Pulse test
10
6
4
0
8
2
0
0.2
0.4
0.6
0.8
1
0
1
2
3
4
5
0
8
20
12
16
4
ID = 5 A
1.3
2.5
12
0
0.3
0.4
0.5
0
2
4
6
8
10
0.2
0.1
Common source
Ta
= 25℃
Pulse test
Ta
= −55°C
100
25
Common source
VDS = 10 V
Pulse test
1
0.1
100
0.1
1
100
10
10
Drain-source voltage VDS
(V)
ID – VDS
Drain current ID (A)
RDS (ON) – ID
Drain current ID (A)
⎪Yfs⎪ – ID
Drain-source voltage VDS
(V)
ID – VDS
Gate-source voltage VGS
(V)
ID – VGS
Gate-source voltage VGS
(V)
VDS – VGS
4.5
VGS = 10 V
Common source
Ta
= 25°C
Pulse test
1
0.1
1
10
10
1000
100
100
Common source
Ta = 25°C
Pulse test


Número de pieza similar - TPC8213-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
TPC8213-H VBSEMI-TPC8213-H Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Descripción similar - TPC8213-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPCA8014-H TOSHIBA-TPCA8014-H_06 Datasheet
338Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8004-H TOSHIBA-TPCA8004-H_06 Datasheet
462Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8015-H TOSHIBA-TPCA8015-H Datasheet
306Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8011-H TOSHIBA-TPCA8011-H Datasheet
441Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8116-H TOSHIBA-TPC8116-H Datasheet
285Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8005-H TOSHIBA-TPCA8005-H_06 Datasheet
445Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8016-H TOSHIBA-TPCA8016-H_06 Datasheet
308Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8021-H TOSHIBA-TPCA8021-H Datasheet
303Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8020-H TOSHIBA-TPCA8020-H Datasheet
415Kb / 7P
   Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII) High-Efficiency DC竊뢈C Converter Applications
logo
Rohm
BD9123MUV ROHM-BD9123MUV Datasheet
140Kb / 5P
   1ch DC竊뢈C Converter IC built in synchronous rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com