Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXL180 Datasheet(PDF) 10 Page - Maxim Integrated Products

No. de pieza CXL180
Descripción Electrónicos  16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CXL180 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button CXL180 Datasheet HTML 4Page - Maxim Integrated Products CXL180 Datasheet HTML 5Page - Maxim Integrated Products CXL180 Datasheet HTML 6Page - Maxim Integrated Products CXL180 Datasheet HTML 7Page - Maxim Integrated Products CXL180 Datasheet HTML 8Page - Maxim Integrated Products CXL180 Datasheet HTML 9Page - Maxim Integrated Products CXL180 Datasheet HTML 10Page - Maxim Integrated Products CXL180 Datasheet HTML 11Page - Maxim Integrated Products CXL180 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
can be reduced by applying a correction factor to the
feedback resistor equation.
First, calculate the correction factor, k, by plugging the
desired output voltage into the following formula:
k represents the shift in the operating point at the feed-
back node (OUT).
Select the lower feedback resistor, R3, to be
≤35.7kΩ to
ensure stability and solve for R2:
Inductor Selection
A 4.7µH inductor with a saturation current of at least
800mA is recommended for the MAX1557 full-load
(600mA) application. For the MAX1556/MAX1556A appli-
cation with 1.2A full load, use a 3.3µH inductor with at
least 1.34A saturation current. For lower full-load cur-
rents the inductor current rating can be reduced. For
maximum efficiency, the inductor’s resistance (DCR)
should be as low as possible. Please note that the core
material differs among different manufacturers and
inductor types and has an impact on the efficiency. See
Table 2 for recommended inductors and manufacturers.
Capacitor Selection
Ceramic input and output capacitors are recommend-
ed for most applications. For best stability over a wide
temperature range, use capacitors with an X5R or bet-
ter dielectric due to their small size, low ESR, and low
temperature coefficients.
Output Capacitor
The output capacitor COUT is required to keep the out-
put voltage ripple small and to ensure regulation loop
stability. COUT must have low impedance at the switch-
ing frequency. A 22µF ceramic output capacitor is rec-
ommended for most applications. If a larger output
capacitor is used, then paralleling smaller capacitors is
suggested to keep the effective impedance of the
capacitor low at the switching frequency.
Input Capacitor
Due to the pulsating nature of the input current in a buck
converter, a low-ESR input capacitor at INP is required
for input voltage filtering and to minimize interference
with other circuits. The impedance of the input capacitor
CINP should be kept very low at the switching frequen-
cy. A minimum value of 10µF is recommended at INP for
most applications. The input capacitor can be increased
for better input filtering.
IN Input Filter
In all MAX1557 applications, connect INP directly to IN
and bypass INP as described in the
Input Capacitor
section. No additional bypass capacitor is required at
IN. For applications using the MAX1556 and
MAX1556A, an RC filter between INP and IN keeps
power-supply noise from entering the IC. Connect a
100
Ω resistor between INP and IN, and connect a
0.47µF capacitor from IN to GND.
Soft-Start Capacitor
The soft-start capacitor, CSS, is required for proper
operation of the MAX1556/MAX1556A/MAX1557. The
recommended value of CSS is discussed in the Soft-
Start section. Soft-start times for various soft-start
capacitors are shown in the
Typical Operating
Characteristics.
PCB Layout and Routing
Due to fast-switching waveforms and high-current
paths, careful PCB layout is required. An evaluation kit
(MAX1556EVKIT) is available to speed design.
When laying out a board, minimize trace lengths
between the IC, the inductor, the input capacitor, and
the output capacitor. Keep these traces short, direct,
and wide. Keep noisy traces, such as the LX node
trace, away from OUT. The input bypass capacitors
should be placed as close as possible to the IC.
Connect GND to the exposed paddle and star PGND
and GND together at the output capacitor. The ground
connections of the input and output capacitors should
be as close together as possible.
075
3
32
.
Vk
V
R
RR
OUTPUT
⎝⎜
⎠⎟
=
+
()
kx
V x
VV
V
OUTPUT
.
.
.
=
106
10
075
36
2
16µA IQ, 1.2A PWM DC-DC
Step-Down Converters
10
______________________________________________________________________________________
OUTPUT
OUT
R2
R3
SS
REFERENCE
1.25V
ERROR
AMPLIFIER
Figure 6. Adjustable Output Voltage


Número de pieza similar - CXL180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CXL1 ETC2-CXL1 Datasheet
4Mb / 122P
   E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
logo
Sony Corporation
CXL1008M SONY-CXL1008M Datasheet
274Kb / 13P
   CMOS-CCD Signal Processor for Skew Compensation
CXL1008P SONY-CXL1008P Datasheet
274Kb / 13P
   CMOS-CCD Signal Processor for Skew Compensation
CXL1009P SONY-CXL1009P Datasheet
216Kb / 9P
   CMOS-CCD SIGNAL PROCESSOR FOR TBC
logo
List of Unclassifed Man...
CXL10GP1 ETC2-CXL10GP1 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
More results

Descripción similar - CXL180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_11 Datasheet
737Kb / 12P
   16μA IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 3; 1/11
MAX1556 MAXIM-MAX1556_1 Datasheet
718Kb / 12P
   16關A IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 0; 7/04
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
   1.5MHz, 1.2A, Step-down DC-DC Converter
logo
Maxim Integrated Produc...
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com