Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA-L0624-VJL Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

No. de pieza CXA-L0624-VJL
Descripción Electrónicos  DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Página de inicio  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-L0624-VJL Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  CXA-L0624-VJL Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-L0624-VJL Datasheet HTML 2Page - Power Systems GmbH+Co.KG CXA-L0624-VJL Datasheet HTML 3Page - Power Systems GmbH+Co.KG CXA-L0624-VJL Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CXA-L0624-VJL (4.0W SINGLE OUTPUT WITH DIMMING FUNCTION)
DC-AC INVERTER UNIT
(PRELIMNARY, STANDARD)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 2 / 4 )
VER, 04 Octoberl 2002
Pin No. Symbols
Ratings
CN 1-1
Vin
20~28V
CN 1-2
GND
0V
CN 1-3
Vrmt
2.5~Vin (Active High)/
0~0.5V
CN 1-4
Vbr
0~3V
CN 1-5
N.C.
-
Pin No. Symbols Ratings
CN 2-1
VHIGH
600Vrms
CN 2-2
N.C.
-
CN 2-3
VLOW
(2V)
Input Side CN1:
Output Side CN2:
Vin [V]
Vbr [V]
Ta [°C]
RL [K
Ω]
Min. Typ. Max.
Iout1
20~28
0~60
90~110
Iout2
24
100
Iout3
20~28
3
226
2.7
3
3.3
Input Current
Iin
24
0
0~60
90~110
-
200
250 mA DC
Frequency
F
20~28
0
0~60
90~110
35
45
55
kHz
Open Circuit
Voltage
Vopen
20~28
0
0~60
1400 1500
-
Vrms
Output Pow er
Pout
20~28
0
0~60
90~110
-
-
4
W
6.6
mArms
Items
Symbols
Conditions
Specification
Output
Current
Unit
0
23±5
5.4
6
ELECTRICAL CHARACTERISTICS:
0,0
1,0
2,0
3,0
4,0
5,0
6,0
7,0
0,0
0,5
1,0
1,5
2,0
2,5
3,0
Vbr (VDC)
DIMMING CHARACTERISTICS
(Reference):


Número de pieza similar - CXA-L0624-VJL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Systems GmbH+Co.K...
CXA-L0605-VJL POWER-SYSTEMS-CXA-L0605-VJL Datasheet
61Kb / 4P
   DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
logo
TDK Electronics
CXA-L0605-VJL TDK-CXA-L0605-VJL Datasheet
85Kb / 2P
   DC to AC Inverters Connector type, Dimming, 4W, For 1 Bulb
logo
Power Systems GmbH+Co.K...
CXA-L0605-VSL POWER-SYSTEMS-CXA-L0605-VSL Datasheet
47Kb / 2P
   DC-AC INVERTER UNIT 4W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0605A-VJL POWER-SYSTEMS-CXA-L0605A-VJL Datasheet
231Kb / 2P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0605A-VSL POWER-SYSTEMS-CXA-L0605A-VSL Datasheet
231Kb / 2P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUT WITH DIMMING FUNCTION
More results

Descripción similar - CXA-L0624-VJL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Systems GmbH+Co.K...
CXA-L0605-VJL POWER-SYSTEMS-CXA-L0605-VJL Datasheet
61Kb / 4P
   DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0605-VSL POWER-SYSTEMS-CXA-L0605-VSL Datasheet
47Kb / 2P
   DC-AC INVERTER UNIT 4W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A POWER-SYSTEMS-CXA-L0612A Datasheet
83Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A-VML POWER-SYSTEMS-CXA-L0612A-VML Datasheet
34Kb / 2P
   DC-AC INVERTER UNIT 5W SINGLE OUTPUT WITH DIMMING FUNCTION
PS-L0612A-177 POWER-SYSTEMS-PS-L0612A-177 Datasheet
251Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A-VSL POWER-SYSTEMS-CXA-L0612A-VSL Datasheet
50Kb / 2P
   DC-AC INVERTER UNIT 5W SINGLE OUTPUT WITH DIMMING FUNCTION
PS-L0612A-239 POWER-SYSTEMS-PS-L0612A-239 Datasheet
77Kb / 2P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0605A-VJL POWER-SYSTEMS-CXA-L0605A-VJL Datasheet
231Kb / 2P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUT WITH DIMMING FUNCTION
PS-L0612A-238 POWER-SYSTEMS-PS-L0612A-238 Datasheet
76Kb / 2P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-0283 POWER-SYSTEMS-CXA-0283 Datasheet
174Kb / 4P
   DC-AC INVERTER UNIT 15W QUAD OUTPUT WITH DIMMING FUNCTION
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com