Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ESD12VD7-TP Datasheet(PDF) 1 Page - Micro Commercial Components |
|
ESD12VD7-TP Datasheet(HTML) 1 Page - Micro Commercial Components |
1 / 4 page Micro Commercial Components 20736 Marilla Street Chatsworth CA 91311 Phone: (818) 701-4933 Fax: (818) 701-4939 ESD3V3D7 Thru ESD12VD7 3.3V~12Volts ESD Protection SOD723 Features • For sensitive ESD protection • Excellent clamping capability • Low leakage • ESD rating of class 3(>16KV)per Human Body Mode • For space saving application • Fast response ,response time less than 1ns. • Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL rating 1 Maximum Ratings • Operating Junction &StorageTemperature: -55 °C to +150°C • Maximum Thermal Resistance: 833 °C/W Junction To Ambient Parameter Symbol Limits unit IEC61000-4-2(ESD) Air Contact ±30 ±30 KV ESD Voltage per human body mode per machine mode 16 400 KV V Power Dissipation Pd 150 mw A B E C F D DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .051 .059 1.30 1.50 B .035 .043 0.90 1.10 C .022 .026 0.55 0.65 D .021 .026 0.525 0.65 E .010 .014 0.25 0.35 F .003 .006 0.08 0.15 MCC TM Micro Commercial Components www.mccsemi.com 1 of 4 Devices Revision: 3 2010/01/29 |
Número de pieza similar - ESD12VD7-TP |
|
Descripción similar - ESD12VD7-TP |